Electronic Components Datasheet Search
  English  ▼

X  

AD8224 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8224
Description  Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8224 Datasheet HTML 15Page - Analog Devices AD8224 Datasheet HTML 16Page - Analog Devices AD8224 Datasheet HTML 17Page - Analog Devices AD8224 Datasheet HTML 18Page - Analog Devices AD8224 Datasheet HTML 19Page - Analog Devices AD8224 Datasheet HTML 20Page - Analog Devices AD8224 Datasheet HTML 21Page - Analog Devices AD8224 Datasheet HTML 22Page - Analog Devices AD8224 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD8224
Rev. 0 | Page 19 of 28
THEORY OF OPERATION
Q2
Q1
NODE A
NODE B
NODE C
NODE D
VB
C1
C2
A1
A2
–VS
+VS
–VS
J1
+IN
VPINCH
+VS
–VS
J2
–IN
VPINCH
+VS
–VS
RG
+VS
+VS
+VS
–VS
20kΩ
20kΩ
20kΩ
20kΩ
+VS
–VS
+VS
–VS
REF
OUTPUT
A3
NODE E
NODE F
I
I
R2
24.7kΩ
R1
24.7kΩ
Figure 52. Simplified Schematic
The AD8224 is a JFET input, monolithic instrumentation amplifier
based on the classic three op amp topology (see Figure 52). Input
Transistor J1 and Input Transistor J2 are biased at a fixed current so
that any input signal forces the output voltages of A1 and A2 to
change accordingly. The input signal creates a current through RG
that flows in R1 and R2 such that the outputs of A1 and A2 provide
the correct, gained signal. Topologically, J1, A1, R1 and J2, A2, R2
can be viewed as precision current feedback amplifiers with a gain
bandwidth of 1.5 MHz. The common-mode voltage and amplified
differential signal from A1 and A2 are applied to a difference
amplifier that rejects the common-mode voltage, but amplifies the
differential signal. The difference amplifier employs 20 kΩ laser
trimmed resistors that result in an in-amp with gain error less than
0.06%. New trim techniques were developed to ensure that CMRR
exceeds 78 dB (G = 1).
Using JFET transistors, the AD8224 offers extremely high input
impedance, extremely low bias currents of 25 pA maximum,
low offset current of 2 pA maximum, and no input bias current
noise. In addition, input offset is less than 300 μV and drift is
less than 10 μV/°C. Ease of use and robustness were considered.
A common problem for instrumentation amplifiers is that at
high gains, when the input is overdriven, an excessive
milliampere input bias current can result and the output can
undergo phase reversal.
Overdriving the input at high gains refers to when the input
signal is within the supply voltages, but the amplifier cannot
output the gained signal. For example, at a gain of 100, driving
the amplifier with 10 V on ±15 V constitutes overdriving the
inputs because the amplifier cannot output 100 V.
The AD8224 has none of these problems; its input bias current
is limited to less than 10 μA and the output does not phase
reverse under overdrive fault conditions.
The AD8224 has extremely low load induced nonlinearity. All
amplifiers that comprise the AD8224 have rail-to-rail output
capability for enhanced dynamic range. The input of the AD8224
can amplify signals with wide common-mode voltages even
slightly lower than the negative supply rail. The AD8224 operates
over a wide supply voltage range. It can operate from either a
single +4.5 V to +36 V supply or a dual ±2.25 V to ±18 V. The
transfer function of the AD8224 is
RG
G
kΩ
49.4
1 +
=
Users can easily and accurately set the gain using a single,
standard resistor. Since the input amplifiers employ a current
feedback architecture, the AD8224 gain bandwidth product
increases with gain, resulting in a system that does not experience
as much bandwidth loss as voltage feedback architectures at
higher gains.
GAIN SELECTION
Placing a resistor across the RG terminals sets the gain of the
AD8224. This is calculated by referring to Table 11 or by using
the following gain equation:
1
kΩ
49.4
−
=
G
R
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com