Electronic Components Datasheet Search
  English  ▼

X  

AD8310ARM Datasheet(PDF) 15 Page - Analog Devices

Part # AD8310ARM
Description  Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8310ARM Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8310ARM Datasheet HTML 11Page - Analog Devices AD8310ARM Datasheet HTML 12Page - Analog Devices AD8310ARM Datasheet HTML 13Page - Analog Devices AD8310ARM Datasheet HTML 14Page - Analog Devices AD8310ARM Datasheet HTML 15Page - Analog Devices AD8310ARM Datasheet HTML 16Page - Analog Devices AD8310ARM Datasheet HTML 17Page - Analog Devices AD8310ARM Datasheet HTML 18Page - Analog Devices AD8310ARM Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD8310
Rev. E | Page 15 of 24
INPUT LEVEL (dBV)
5
–5
–120
20
–100
(–87dBm)
–80
–60
–40
–20
0
(+13dBm)
4
–1
–2
–3
–4
2
0
3
1
10MHz
50MHz
100MHz
±3dB DYNAMIC RANGE
±1dB DYNAMIC RANGE
Figure 30. Log Conformance Errors vs. Input Level at 10 MHz,
50 MHz, and 100 MHz
TRANSFER FUNCTION IN TERMS OF SLOPE AND
INTERCEPT
The transfer function of the AD8310 is characterized in terms
of its slope and intercept. The logarithmic slope is defined as the
change in the RSSI output voltage for a 1 dB change at the input.
For the AD8310, slope is nominally 24 mV/dB. Therefore, a
10 dB change at the input results in a change at the output of
approximately 240 mV. The plot of log conformance shows the
range over which the device maintains its constant slope. The
dynamic range of the log amp is defined as the range over
which the slope remains within a certain error band, usually
±1 dB or ±3 dB. In Figure 30, for example, the ±1 dB dynamic
range is approximately 95 dB (from +4 dBV to −91 dBV).
The intercept is the point at which the extrapolated linear
response would intersect the horizontal axis (see Figure 29).
For the AD8310, the intercept is calibrated to be −108 dBV
(−95 dBm). Using the slope and intercept, the output voltage
can be calculated for any input level within the specified input
range using the following equation:
VOUT = VSLOPE × (PIN − PO)
(3)
where:
VOUT is the demodulated and filtered RSSI output.
VSLOPE is the logarithmic slope expressed in V/dB.
PIN is the input signal expressed in dB relative to some reference
level (either dBm or dBV in this case).
PO is the logarithmic intercept expressed in dB relative to the
same reference level.
For example, for an input level of −33 dBV (−20 dBm), the
output voltage is
VOUT = 0.024 V/dB × (−33 dBV − (−108 dBV)) = 1.8 V (4)
dBV vs. dBm
The most widely used convention in RF systems is to specify
power in dBm, decibels above 1 mW in 50 Ω. Specification of
the log amp input level in terms of power is strictly a concession
to popular convention. As mentioned previously, log amps do
not respond to power (power absorbed at the input), but to the
input voltage. The use of dBV, defined as decibels with respect
to a 1 V rms sine wave, is more precise. However, this is still
ambiguous, because waveform is also involved in the response
of a log amp, which, for a complex input such as a CDMA
signal, does not follow the rms value exactly. Because most
users specify RF signals in terms of power (more specifically, in
dBm/50 Ω) both dBV and dBm are used to specify the perform-
ance of the AD8310, showing equivalent dBm levels for the
special case of a 50 Ω environment. Values in dBV are
converted to dBm re 50 Ω by adding 13 dB.
Table 4. Correction for Signals with Differing Crest Factors
Signal Type
Correction Factor1 (dB)
Sine wave
0
Square wave or dc
−3.01
Triangular wave
0.9
GSM channel (all time slots on)
0.55
CDMA channel (forward link, nine
channels on)
3.55
CDMA channel (reverse link)
0.5
PDC channel (all time slots on)
0.58
1Add to the measured input level.
INPUT MATCHING
Where higher sensitivity is required, an input matching network
is useful. Using a transformer to achieve the impedance trans-
formation also eliminates the need for coupling capacitors,
lowers the offset voltage generated directly at the input, and
balances the drive amplitude to INLO and INHI.
The choice of turns ratio depends somewhat on the frequency.
At frequencies below 50 MHz, the reactance of the input
capacitance is much higher than the real part of the input
impedance. In this frequency range, a turns ratio of about 1:4.8
lowers the input impedance to 50 Ω, while raising the input
voltage lowers the effect of the short-circuit noise voltage by the
same factor. The intercept is also lowered by the turns ratio; for
a 50 Ω match, it is reduced by 20 log10 (4.8) or 13.6 dB. The total
noise is reduced by a somewhat smaller factor, because there is a
small contribution from the input noise current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com