Electronic Components Datasheet Search
  English  ▼

X  

AD8310ARM Datasheet(PDF) 20 Page - Analog Devices

Part # AD8310ARM
Description  Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8310ARM Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8310ARM Datasheet HTML 16Page - Analog Devices AD8310ARM Datasheet HTML 17Page - Analog Devices AD8310ARM Datasheet HTML 18Page - Analog Devices AD8310ARM Datasheet HTML 19Page - Analog Devices AD8310ARM Datasheet HTML 20Page - Analog Devices AD8310ARM Datasheet HTML 21Page - Analog Devices AD8310ARM Datasheet HTML 22Page - Analog Devices AD8310ARM Datasheet HTML 23Page - Analog Devices AD8310ARM Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8310
Rev. E | Page 20 of 24
EVALUATION BOARD
An evaluation board is available that has been carefully laid out
and tested to demonstrate the specified high speed performance
of the AD8310. Figure 40 shows the schematic of the evaluation
board, which follows the basic connections schematic shown in
Figure 27.
Connectors INHI, INLO, and VOUT are of the SMA type.
Supply and ground are connected to the TP1 and TP2 vector
pins. The layout and silkscreen for the component side of the
board are shown in Figure 41 and Figure 42. Switches and
component settings for different setups are described in Table 6.
For ordering information, see the Ordering Guide.
C2
0.01
μF
INHI ENBL BFIN VPOS
INLO COMM OFLT VOUT
AD8310
123
4
8
765
C4
0.01
μF
C1
0.01
μF
R3
52.3
Ω
SW1
A
B
R4
0
Ω
R1
0
Ω
INHI
INLO
TP2
C7
OPEN
W1
W2
C6
OPEN
R7
OPEN
R6
0
Ω
VOUT
C5
OPEN
C3
OPEN
R5
0
Ω
TP1
VPOS
R2
0
Ω
Figure 40. Evaluation Board Schematic
Figure 41. Layout of the Component Side of the Evaluation Board
Figure 42. Component Side Silkscreen of the Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com