Electronic Components Datasheet Search
  English  ▼

X  

BYT79 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYT79
Description  Rectifier diodes ultrafast
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYT79 Datasheet(HTML) 1 Page - NXP Semiconductors

  BYT79 Datasheet HTML 1Page - NXP Semiconductors BYT79 Datasheet HTML 2Page - NXP Semiconductors BYT79 Datasheet HTML 3Page - NXP Semiconductors BYT79 Datasheet HTML 4Page - NXP Semiconductors BYT79 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYT79 series
ultrafast
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
V
R = 300 V/ 400 V/ 500 V
• Fast switching
• Soft recovery characteristic
V
F ≤ 1.05 V
• High thermal cycling performance
• Low thermal resistance
I
F(AV) = 14 A
t
rr ≤ 60 ns
GENERAL DESCRIPTION
PINNING
SOD59 (TO220AC)
Ultra-fast, epitaxial rectifier diodes
PIN
DESCRIPTION
intended for use as output rectifiers
in high frequency switched mode
1
cathode
power supplies.
2
anode
The BYT79 series is supplied in the
conventional
leaded
SOD59
tab
cathode
(TO220AC) package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
BYT79
-300
-400
-500
V
RRM
Peak repetitive reverse voltage
-
300
400
500
V
V
R
Continuous reverse voltage
T
mb ≤ 147˚C
-
300
400
500
V
I
F(AV)
Average forward current
1
square wave;
δ = 0.5;
-
14
A
T
mb ≤ 117 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
130
A
current.
t = 8.3 ms
-
143
A
sinusoidal; with reapplied
V
RRM(max)
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
-
-
2.0
K/W
mounting base
R
th j-a
Thermal resistance junction to
in free air.
-
60
-
K/W
ambient
k
a
12
1
tab
2
1 Neglecting switching and reverse current losses
September 1998
1
Rev 1.300


Similar Part No. - BYT79

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BYT79 NJSEMI-BYT79 Datasheet
194Kb / 3P
Rectifier diodes ultrafast
logo
Inchange Semiconductor ...
BYT79-300 ISC-BYT79-300 Datasheet
283Kb / 2P
Ultrafast Rectifier Diodes
BYT79-400 ISC-BYT79-400 Datasheet
283Kb / 2P
Ultrafast Rectifier Diodes
logo
WeEn Semiconductors
BYT79-500 WEEN-BYT79-500 Datasheet
767Kb / 7P
Rectifier diodes ultrafast
logo
Inchange Semiconductor ...
BYT79-500 ISC-BYT79-500 Datasheet
283Kb / 2P
Ultrafast Rectifier Diodes
More results

Similar Description - BYT79

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ28X PHILIPS-BYQ28X Datasheet
46Kb / 6P
Rectifier diodes ultrafast
August 1996 Rev 1.000
BYR29 PHILIPS-BYR29 Datasheet
43Kb / 5P
Rectifier diodes ultrafast
September 1998 Rev 1.300
BYR29F PHILIPS-BYR29F Datasheet
45Kb / 6P
Rectifier diodes ultrafast
September 1998 Rev 1.400
BYV29F PHILIPS-BYV29F Datasheet
52Kb / 7P
Rectifier diodes ultrafast
February 1999 Rev 1.400
BYV72F PHILIPS-BYV72F Datasheet
40Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYV79 PHILIPS-BYV79 Datasheet
34Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29 PHILIPS-BYW29 Datasheet
33Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29F PHILIPS-BYW29F Datasheet
41Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYT79 PHILIPS-BYT79_15 Datasheet
120Kb / 7P
Rectifier diodes ultrafast
September 1998
BYV29 PHILIPS-BYV29_15 Datasheet
119Kb / 7P
Rectifier diodes ultrafast
September 1998
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com