Electronic Components Datasheet Search
  English  ▼

X  

AD8319 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8319
Description  1 MHz to 10 GHz, 40 dB Log Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8319 Datasheet(HTML) 2 Page - Analog Devices

  AD8319 Datasheet HTML 1Page - Analog Devices AD8319 Datasheet HTML 2Page - Analog Devices AD8319 Datasheet HTML 3Page - Analog Devices AD8319 Datasheet HTML 4Page - Analog Devices AD8319 Datasheet HTML 5Page - Analog Devices AD8319 Datasheet HTML 6Page - Analog Devices AD8319 Datasheet HTML 7Page - Analog Devices AD8319 Datasheet HTML 8Page - Analog Devices AD8319 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD8319
Rev. A | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 7
Theory of Operation ...................................................................... 10
Using the AD8319 .......................................................................... 11
Basic Connections ...................................................................... 11
Input Signal Coupling................................................................ 11
Output Interface ......................................................................... 11
Setpoint Interface ....................................................................... 11
Temperature Compensation of Output Voltage..................... 12
Measurement Mode ................................................................... 12
Setting the Output Slope in Measurement Mode ................. 13
Controller Mode......................................................................... 13
Output Filtering.......................................................................... 15
Operation Beyond 8 GHz ......................................................... 15
Evaluation Board ............................................................................ 16
Outline Dimensions ....................................................................... 18
Ordering Guide .......................................................................... 18
REVISION HISTORY
3/07—Rev. 0 to Rev. A
Changes to Figure 9.......................................................................... 8
Changes to Figure 22 and Setpoint Interface Section................ 11
Changes to Measurement Mode Section..................................... 12
Changes to Layout .......................................................................... 16
Changes to Layout .......................................................................... 17
Updated Outline Dimensions ....................................................... 18
10/05—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com