Electronic Components Datasheet Search
  English  ▼

X  

AD8319 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8319
Description  1 MHz to 10 GHz, 40 dB Log Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8319 Datasheet(HTML) 3 Page - Analog Devices

  AD8319 Datasheet HTML 1Page - Analog Devices AD8319 Datasheet HTML 2Page - Analog Devices AD8319 Datasheet HTML 3Page - Analog Devices AD8319 Datasheet HTML 4Page - Analog Devices AD8319 Datasheet HTML 5Page - Analog Devices AD8319 Datasheet HTML 6Page - Analog Devices AD8319 Datasheet HTML 7Page - Analog Devices AD8319 Datasheet HTML 8Page - Analog Devices AD8319 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8319
Rev. A | Page 3 of 20
SPECIFICATIONS
VPOS = 3 V, CLPF = 1000 pF, TA = 25°C, 52.3 Ω termination resistor at INHI, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
SIGNAL INPUT INTERFACE
INHI (Pin 1)
Specified Frequency Range
0.001
10
GHz
DC Common-Mode Voltage
VPOS − 0.6
V
MEASUREMENT MODE
VOUT (Pin 5) shorted to VSET (Pin 4),
sinusoidal input signal
f = 900 MHz
RTADJ = 18 kΩ
Input Impedance
1500||0.33
Ω||pF
±1 dB Dynamic Range
TA = 25°C
40
dB
−40°C < TA < +85°C
40
dB
Maximum Input Level
±1 dB error
−3
dBm
Minimum Input Level
±1 dB error
−43
dBm
Slope1
−25
−22
−19.5
mV/dB
Intercept1
12
15
21
dBm
Output Voltage: High Power In
PIN = −10 dBm
0.57
V
Output Voltage: Low Power In
PIN = −40 dBm
1.25
V
f = 1.9 GHz
RTADJ = 8 kΩ
Input Impedance
950||0.38
Ω||pF
±1 dB Dynamic Range
TA = 25°C
40
dB
−40°C < TA < +85°C
40
dB
Maximum Input Level
±1 dB error
−4
dBm
Minimum Input Level
±1 dB error
−44
dBm
Slope1
−25
−22
−19.5
mV/dB
Intercept1
10
13
20
dBm
Output Voltage: High Power In
PIN = −10 dBm
0.53
V
Output Voltage: Low Power In
PIN = −35 dBm
1.19
V
f = 2.2 GHz
RTADJ = 8 kΩ
Input Impedance
810||0.39
Ω||pF
±1 dB Dynamic Range
TA = 25°C
40
dB
−40°C < TA < +85°C
40
dB
Maximum Input Level
±1 dB error
−5
dBm
Minimum Input Level
±1 dB error
−45
dBm
Slope1
−22
mV/dB
Intercept1
13
dBm
Output Voltage: High Power In
PIN = −10 dBm
0.5
V
Output Voltage: Low Power In
PIN = −35 dBm
1.18
V
f = 3.6 GHz
RTADJ = 8 kΩ
Input Impedance
300||0.33
Ω||pF
±1 dB Dynamic Range
TA = 25°C
40
dB
−40°C < TA < +85°C
36
dB
Maximum Input Level
±1 dB error
−6
dBm
Minimum Input Level
±1 dB error
−46
dBm
Slope1
−22
mV/dB
Intercept1
10
dBm
Output Voltage: High Power In
PIN = −10 dBm
0.46
V
Output Voltage: Low Power In
PIN = −40 dBm
1.14
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com