Electronic Components Datasheet Search
  English  ▼

X  

BYV10 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYV10
Description  Schottky barrier diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV10 Datasheet(HTML) 3 Page - NXP Semiconductors

  BYV10 Datasheet HTML 1Page - NXP Semiconductors BYV10 Datasheet HTML 2Page - NXP Semiconductors BYV10 Datasheet HTML 3Page - NXP Semiconductors BYV10 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1996 May 13
3
Philips Semiconductors
Product specification
Schottky barrier diodes
BYV10 series
ELECTRICAL CHARACTERISTICS
Tamb =25 °C; unless otherwise specified.
Note
1. Pulsed test: tp = 300 µs; δ = 0.02.
THERMAL CHARACTERISTICS
Note
1. Refer to SOD81 standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 0.1 A
−−
390
mV
IF =1A
−−
550
mV
IF =3A
−−
850
mV
IR
reverse current
VR =VRRMmax; note 1
−−
1
mA
Cd
diode capacitance
VR = 0 V; f = 1 MHz
−
220
−
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
100
K/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com