Electronic Components Datasheet Search
  English  ▼

X  

NT2012F Datasheet(PDF) 3 Page - TOKO, Inc

Part # NT2012F
Description  WIREWOUND COMMON MODE FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

NT2012F Datasheet(HTML) 3 Page - TOKO, Inc

  NT2012F Datasheet HTML 1Page - TOKO, Inc NT2012F Datasheet HTML 2Page - TOKO, Inc NT2012F Datasheet HTML 3Page - TOKO, Inc NT2012F Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NT2012F Series
WIREWOUND COMMON MODE FILTER
TYPICAL CHARACTERISTICS
Attenuation Characteristics of
1012AH-1013
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
10
100
1000
10000
Frequency (MHz)
Common Mode
Normal Mode
Impedance Response of 1012AH-1013
0.1
1
10
100
1000
10000
1
10
100
1000
10000
Frequency (MHz)
Common Mode
Normal Mode
TEST CONDITIONS
Impedance vs. Frequency
Attenuation vs. Frequency
TEST CIRCUIT (COMMON MODE)
E4991A (Agilent)
3
4
1
6
E4991A (Agilent)
3
4
1
6
TEST CIRCUIT (NORMAL MODE)
3
4
1
6
IN
OUT
TEST CIRCUIT (COMMON MODE)
50
Ω
TEST EQUIPMENT: 8753D (HP)
50
Ω
3
4
1
6
IN
OUT
TEST CIRCUIT (NORMAL MODE)
50
Ω
TEST EQUIPMENT: 8753D (HP)
50
Ω
September 2003
3
 2003 TOKO America, Inc.
CF-279-NT2012F
All Rights Reserved
Printed in USA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com