Electronic Components Datasheet Search
  English  ▼

X  

NT2012F Datasheet(PDF) 1 Page - TOKO, Inc

Part # NT2012F
Description  WIREWOUND COMMON MODE FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

NT2012F Datasheet(HTML) 1 Page - TOKO, Inc

  NT2012F Datasheet HTML 1Page - TOKO, Inc NT2012F Datasheet HTML 2Page - TOKO, Inc NT2012F Datasheet HTML 3Page - TOKO, Inc NT2012F Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NT2012F Series
WIREWOUND COMMON MODE FILTER
DESCRIPTION
The TOKO NT2012F is a wirewound miniature
common mode filter specifically designed to
eliminate common mode noise in USB 2.0,
IEEE 1394, and LVDS applications. An
economical alternative to the TOKO NT2012,
the dual winding configuration in a tight form
factor provides exceptional EMI reduction in
space-constrained environments.
FEATURES
DIMENSIONS
Miniature footprint: 2.0 x 1.2mm
Low profile: 1.0mm max.
Operating temperature: -30
°C to +85°C
Packaged on 2000 piece reels
Reflow solderable
0.45
typ.
2.0±0.2
1.1±0.2
TOP VIEW
SIDE VIEW
BOTTOM VIEW
UNITS: mm
APPLICATION EXAMPLE
RECOMMENDED PATTERN
USB 2.0
VCC
NT2012F
D -
D +
0.9
0.8
0.9
0.4
0.4
0.4
UNITS: mm
ELECTRICAL SPECIFICATIONS
Common Mode
Impedance (
Ω) typ.
Common Mode Attenuation
(dB)
TOKO Part No.
10MHz
100MHz
10MHz
100MHz
500MHz
IDC (A)
max.
DCR (
Ω)
max.
1012AH-1012=P2
7
67
1.0 max.
1.0 min.
6.5 min.
0.33
0.26
1012AH-1007=P2
10
90
1.0 max.
1.5 min.
8.0 min.
0.31
0.31
1012AH-1013=P2
14
120
1.0 max.
2.0 min.
10.0 min.
0.28
0.36
Note: "=P2" is added to each part number to indicate tape and reel packaging.
September 2003
1
 2003 TOKO America, Inc.
CF-279-NT2012F
All Rights Reserved
Printed in USA


Similar Part No. - NT2012F

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
NT2012 TOKO-NT2012 Datasheet
344Kb / 4P
WIREWOUND COMMON MODE FILTER
More results

Similar Description - NT2012F

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
NT2012 TOKO-NT2012 Datasheet
344Kb / 4P
WIREWOUND COMMON MODE FILTER
logo
Superworld Electronics
W4F300-RD-10 SUPERWORLD-W4F300-RD-10 Datasheet
371Kb / 9P
WIREWOUND TYPE COMMON MODE FILTER
W3F900-RD-10 SUPERWORLD-W3F900-RD-10 Datasheet
283Kb / 6P
WIREWOUND TYPE COMMON MODE FILTER
logo
Allied Components Inter...
SCM30F ALLIED-SCM30F Datasheet
341Kb / 1P
SMD Wirewound Common Mode Filter
logo
Superworld Electronics
W3NL670-RD-10 SUPERWORLD-W3NL670-RD-10 Datasheet
1Mb / 7P
WIREWOUND TYPE Common Mode Filter
W2012F500-RD-10 SUPERWORLD-W2012F500-RD-10 Datasheet
428Kb / 9P
WIREWOUND TYPE COMMON MODE FILTER
WAQ7FN110-RB-10 SUPERWORLD-WAQ7FN110-RB-10 Datasheet
420Kb / 6P
Wirewound Type Common Mode Filter
W1210F500-RB-10 SUPERWORLD-W1210F500-RB-10 Datasheet
432Kb / 9P
WIREWOUND TYPE COMMON MODE FILTER
logo
Allied Components Inter...
SCM10S ALLIED-SCM10S Datasheet
2Mb / 4P
SMD Wirewound Common Mode Filter
SCM30S ALLIED-SCM30S Datasheet
1Mb / 1P
SMD Wirewound Common Mode Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com