Electronic Components Datasheet Search
  English  ▼

X  

AT90CAN64 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT90CAN64
Description  Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN64 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT90CAN64 Datasheet HTML 1Page - ATMEL Corporation AT90CAN64 Datasheet HTML 2Page - ATMEL Corporation AT90CAN64 Datasheet HTML 3Page - ATMEL Corporation AT90CAN64 Datasheet HTML 4Page - ATMEL Corporation AT90CAN64 Datasheet HTML 5Page - ATMEL Corporation AT90CAN64 Datasheet HTML 6Page - ATMEL Corporation AT90CAN64 Datasheet HTML 7Page - ATMEL Corporation AT90CAN64 Datasheet HTML 8Page - ATMEL Corporation AT90CAN64 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
7679BS–CAN–11/06
AT90CAN32/64/128
1.3
Block Diagram
Figure 1-1.
Block Diagram
PROGRAM
COUNTER
STACK
POINTER
PROGRAM
FLASH
MCU
CONTROL
REGISTER
SRAM
GENERAL
PURPOSE
REGISTERS
INSTRUCTION
REGISTER
TIMER/
COUNTERS
INSTRUCTION
DECODER
DA
TA
DIR.
REG.
PORTB
DA
TA
DIR.
REG.
PORTE
DA
TA
DIR.
REG.
PORT
A
DA
TA
DIR.
REG.
PORTD
DA
TA
REGISTER
PORTB
DA
TA
REGISTER
PORTE
DA
TA
REGISTER
PORT
A
DA
TA
REGISTER
PORTD
INTERRUPT
UNIT
EEPROM
SPI
USART0
STA
TUS
REGISTER
Z
Y
X
ALU
PORTB
DRIVERS
PORTE
DRIVERS
POR T
A
DRIVERS
PORTF
DRIVERS
PORTD
DRIVERS
PORTC
DRIVERS
PB7
-
PB0
PE7
-
PE0
P
A7
-
P
A0
PF7
-
PF0
VCC
AGND
GND
AREF
CONTROL
LINES
PC7
-
PC0
INTERNAL
OSCILLA
TOR
WA
TCHDOG
TIMER
8-BIT
DATA
BUS
A
VCC
USART1
TIMING
AND
CONTROL
OSCILLA
TOR
OSCILLA
TOR
CALIB.
OSC
DA
TA
DIR.
REG.
PORT
C
DA
TA
REGISTER
PORT
C
ON-CHIP
DEBUG
JT
AG
T
AP
PROGRAMMING
LOGIC
BOUNDARY
-
SCAN
DA
TA
DIR.
REG.
PORT
F
DA
TA
REGISTER
PORT
F
ADC
POR
-
BOD
RESET
PD7
-
PD0
DA
TA
DIR.
REG.
PORTG
DA
TA
REG.
PORTG
PORTG
DRIVERS
PG4
-
PG0
TWO-WIRE
SERIAL
INTERFACE
CAN
CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com