Electronic Components Datasheet Search
  English  ▼

X  

AT90CAN64 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT90CAN64
Description  Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN64 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT90CAN64 Datasheet HTML 1Page - ATMEL Corporation AT90CAN64 Datasheet HTML 2Page - ATMEL Corporation AT90CAN64 Datasheet HTML 3Page - ATMEL Corporation AT90CAN64 Datasheet HTML 4Page - ATMEL Corporation AT90CAN64 Datasheet HTML 5Page - ATMEL Corporation AT90CAN64 Datasheet HTML 6Page - ATMEL Corporation AT90CAN64 Datasheet HTML 7Page - ATMEL Corporation AT90CAN64 Datasheet HTML 8Page - ATMEL Corporation AT90CAN64 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
7679BS–CAN–11/06
AT90CAN32/64/128
1.4
Pin Configurations
Figure 1-2.
Pinout AT90CAN32/64/128 - TQFP
PC0
(A8)
(RXD0
/
PDI)
PE0
(TXD0
/
PDO)
PE1
(XCK0
/
AIN0)
PE2
(OC3A
/
AIN1)
PE3
(OC3B
/
INT4)
PE4
(OC3C
/
INT5)
PE5
(T3
/
INT6)
PE6
(ICP3
/
INT7)
PE7
(SS)
PB0
(SCK)
PB1
(MOSI)
PB2
(MISO)
PB3
(OC2A)
PB4
(OC1B)
PB6
(OC1A)
PB5
PC1
(A9)
PC2
(A10)
PC3
(A11)
PC4
(A12)
PC5
(A13)
PC6
(A14)
PC7
(A15
/
CLKO)
PA7
(AD7)
PG2
(ALE)
PA6
(AD6)
PA5
(AD5)
PA4
(AD4)
PA3
(AD3)
PG1
(RD)
PG0
(WR)
2
3
1
4
5
6
7
8
9
10
11
12
13
14
16
15
47
46
48
45
44
43
42
41
40
39
38
37
36
35
33
34
NC
=
Do
not
connect
(May
be
used
in
future
devices)
(1)
Timer2
Oscillator
(2)
NC
(1)
(64-lead
TQFP
top
view)
INDEX
CORNER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com