Electronic Components Datasheet Search
  English  ▼

X  

AT89S53 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT89S53
Description  8-bit Microcontroller with 12K Bytes Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S53 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT89S53 Datasheet HTML 19Page - ATMEL Corporation AT89S53 Datasheet HTML 20Page - ATMEL Corporation AT89S53 Datasheet HTML 21Page - ATMEL Corporation AT89S53 Datasheet HTML 22Page - ATMEL Corporation AT89S53 Datasheet HTML 23Page - ATMEL Corporation AT89S53 Datasheet HTML 24Page - ATMEL Corporation AT89S53 Datasheet HTML 25Page - ATMEL Corporation AT89S53 Datasheet HTML 26Page - ATMEL Corporation AT89S53 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
23
0787E–MICRO–3/06
AT89S53
Flash Programming and Verification Characteristics – Parallel Mode
T
A = 0°C to 70°C, VCC = 5.0V ± 10%
Symbol
Parameter
Min
Max
Units
VPP
Programming Enable Voltage
11.5
12.5
V
I
PP
Programming Enable Current
1.0
mA
1/tCLCL
Oscillator Frequency
3
24
MHz
tAVGL
Address Setup to PROG Low
48tCLCL
tGHAX
Address Hold after PROG
48tCLCL
tDVGL
Data Setup to PROG Low
48tCLCL
tGHDX
Data Hold after PROG
48tCLCL
tEHSH
P2.7 (ENABLE) High to VPP
48tCLCL
tSHGL
VPP Setup to PROG Low
10
µs
tGLGH
PROG Width
1
110
µs
t
AVQV
Address to Data Valid
48t
CLCL
t
ELQV
ENABLE Low to Data Valid
48t
CLCL
t
EHQZ
Data Float after ENABLE
0
48t
CLCL
t
GHBL
PROG High to BUSY Low
1.0
µs
tWC
Byte Write Cycle Time
2.0
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com