Electronic Components Datasheet Search
  English  ▼

X  

AT89S53 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT89S53
Description  8-bit Microcontroller with 12K Bytes Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S53 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT89S53 Datasheet HTML 25Page - ATMEL Corporation AT89S53 Datasheet HTML 26Page - ATMEL Corporation AT89S53 Datasheet HTML 27Page - ATMEL Corporation AT89S53 Datasheet HTML 28Page - ATMEL Corporation AT89S53 Datasheet HTML 29Page - ATMEL Corporation AT89S53 Datasheet HTML 30Page - ATMEL Corporation AT89S53 Datasheet HTML 31Page - ATMEL Corporation AT89S53 Datasheet HTML 32Page - ATMEL Corporation AT89S53 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
29
AT89S53
0787E–MICRO–3/06
.
Shift Register Mode Timing Waveforms
AC Testing Input/Output Waveforms(1)
Notes:
1. AC Inputs during testing are driven at V
CC - 0.5V
for a logic 1 and 0.45V for a logic 0. Timing measure-
ments are made at VIH min. for a logic 1 and VIL max.
for a logic 0.
Float Waveforms(1)
Notes:
1. For timing purposes, a port pin is no longer floating
when a 100 mV change from load voltage occurs. A
port pin begins to float when a 100 mV change from
the loaded V
OH/VOL level occurs.
Serial Port Timing: Shift Register Mode Test Conditions
The values in this table are valid for V
CC = 4.0V to 6V and Load Capacitance = 80 pF
Symbol
Parameter
12 MHz Oscillator
Variable Oscillator
Units
Min
Max
Min
Max
tXLXL
Serial Port Clock Cycle Time
1.0
12tCLCL
µs
tQVXH
Output Data Setup to Clock Rising
Edge
700
10tCLCL - 133
ns
tXHQX
Output Data Hold after Clock Rising
Edge
50
2tCLCL - 117
ns
t
XHDX
Input Data Hold after Clock Rising
Edge
0
0
ns
tXHDV
Clock Rising Edge to Input Data
Valid
700
10tCLCL - 133
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com