Electronic Components Datasheet Search
  English  ▼

X  

AT34C02 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT34C02
Description  Two-wire Serial EEPROM with Permanent Software Write Protect
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT34C02 Datasheet HTML 13Page - ATMEL Corporation AT34C02 Datasheet HTML 14Page - ATMEL Corporation AT34C02 Datasheet HTML 15Page - ATMEL Corporation AT34C02 Datasheet HTML 16Page - ATMEL Corporation AT34C02 Datasheet HTML 17Page - ATMEL Corporation AT34C02 Datasheet HTML 18Page - ATMEL Corporation AT34C02 Datasheet HTML 19Page - ATMEL Corporation AT34C02 Datasheet HTML 20Page - ATMEL Corporation AT34C02 Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
AT34C02
0958Q–SEEPR–1/07
8Y1 – MAP
A
–
–
0.90
A1
0.00
–
0.05
D
4.70
4.90
5.10
E
2.80
3.00
3.20
D1
0.85
1.00
1.15
E1
0.85
1.00
1.15
b
0.25
0.30
0.35
e
0.65 TYP
L
0.50
0.60
0.70
PIN 1 INDEX AREA
D
E
A
A1
b
8
7
6
e
5
L
D1
E1
PIN 1 INDEX AREA
1
2
34
A
Top View
End View
Bottom View
Side View
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
8Y1, 8-lead (4.90 x 3.00 mm Body) MSOP Array Package
(MAP) Y1
C
8Y1
2/28/03
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com