Electronic Components Datasheet Search
  English  ▼

X  

AT34C02 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT34C02
Description  Two-wire Serial EEPROM with Permanent Software Write Protect
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT34C02 Datasheet HTML 2Page - ATMEL Corporation AT34C02 Datasheet HTML 3Page - ATMEL Corporation AT34C02 Datasheet HTML 4Page - ATMEL Corporation AT34C02 Datasheet HTML 5Page - ATMEL Corporation AT34C02 Datasheet HTML 6Page - ATMEL Corporation AT34C02 Datasheet HTML 7Page - ATMEL Corporation AT34C02 Datasheet HTML 8Page - ATMEL Corporation AT34C02 Datasheet HTML 9Page - ATMEL Corporation AT34C02 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
AT34C02
0958Q–SEEPR–1/07
Memory Organization AT34C02, 2K Serial EEPROM: The 2K is internally organized with 16 pages of 16 bytes
each. Random word addressing requires a 8-bit data word address.
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an exter-
nal device. Data on the SDA pin may change only during SCL low time periods (see
Figure 5 on page 8). Data changes during SCL high periods will indicate a start or stop
condition as defined below.
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition
which must precede any other command (see Figure 5 on page 8).
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition.
After a read sequence, the stop command will place the EEPROM in a standby power
mode (see Figure 5 on page 8).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from
the EEPROM in 8-bit words. The EEPROM sends a zero to acknowledge that it has
received each word. This happens during the ninth clock cycle.
STANDBY MODE: The AT34C02 features a low-power standby mode which is enabled:
(a) upon power-up or (b) after the receipt of the STOP bit and the completion of any
internal operations.
MEMORY RESET: After an interruption in protocol, power loss or system reset, any
two-wire part can be reset by following these steps:
(a) Clock up to 9 cycles, (b) look for SDA high in each cycle while SCL is high and then
(c) create a start condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com