Electronic Components Datasheet Search
  English  ▼

X  

BYV27 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYV27
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV27 Datasheet(HTML) 2 Page - NXP Semiconductors

  BYV27 Datasheet HTML 1Page - NXP Semiconductors BYV27 Datasheet HTML 2Page - NXP Semiconductors BYV27 Datasheet HTML 3Page - NXP Semiconductors BYV27 Datasheet HTML 4Page - NXP Semiconductors BYV27 Datasheet HTML 5Page - NXP Semiconductors BYV27 Datasheet HTML 6Page - NXP Semiconductors BYV27 Datasheet HTML 7Page - NXP Semiconductors BYV27 Datasheet HTML 8Page - NXP Semiconductors BYV27 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1997 Nov 24
2
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYV27 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy
absorption capability
• Available in ammo-pack.
DESCRIPTION
Rugged glass SOD57 package, using
a high temperature alloyed
construction.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
Fig.1 Simplified outline (SOD57) and symbol.
2/3 page (Datasheet)
MAM047
ka



LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
BYV27-50
−
50
V
BYV27-100
−
100
V
BYV27-150
−
150
V
BYV27-200
−
200
V
BYV27-300
−
300
V
BYV27-400
−
400
V
BYV27-500
−
500
V
BYV27-600
−
600
V
VR
continuous reverse voltage
BYV27-50
−
50
V
BYV27-100
−
100
V
BYV27-150
−
150
V
BYV27-200
−
200
V
BYV27-300
−
300
V
BYV27-400
−
400
V
BYV27-500
−
500
V
BYV27-600
−
600
V
IF(AV)
average forward current
Ttp =85 °C; lead length = 10 mm;
see Figs 2, 3 and 4;
averaged over any 20 ms period;
see also Figs 14, 15 and 16
BYV27-50 to 200
−
2.0
A
BYV27-300 and 400
−
1.9
A
BYV27-500 and 600
−
1.6
A
IF(AV)
average forward current
Tamb =60 °C; printed-circuit board
mounting (see Fig. 25);
see Figs 5, 6 and 7;
averaged over any 20 ms period;
see also Figs 14, 15 and 16
BYV27-50 to 200
−
1.30
A
BYV27-300 and 400
−
1.25
A
BYV27-500 and 600
−
1.10
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com