Electronic Components Datasheet Search
  English  ▼

X  

BYV27 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYV27
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV27 Datasheet(HTML) 3 Page - NXP Semiconductors

  BYV27 Datasheet HTML 1Page - NXP Semiconductors BYV27 Datasheet HTML 2Page - NXP Semiconductors BYV27 Datasheet HTML 3Page - NXP Semiconductors BYV27 Datasheet HTML 4Page - NXP Semiconductors BYV27 Datasheet HTML 5Page - NXP Semiconductors BYV27 Datasheet HTML 6Page - NXP Semiconductors BYV27 Datasheet HTML 7Page - NXP Semiconductors BYV27 Datasheet HTML 8Page - NXP Semiconductors BYV27 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1997 Nov 24
3
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYV27 series
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
IFRM
repetitive peak forward current
Ttp =85 °C; see Figs 8, 9 and 10
BYV27-50 to 400
−
20
A
BYV27-500 and 600
−
16
A
IFRM
repetitive peak forward current
Tamb =60 °C;
see Figs 11, 12 and 13
BYV27-50 to 200
−
14
A
BYV27-300 and 400
−
13
A
BYV27-500 and 600
−
11
A
IFSM
non-repetitive peak forward current
t = 10 ms half sine wave;
Tj =Tj max prior to surge;
VR =VRRMmax
BYV27-50 to 400
−
50
A
BYV27-500 and 600
−
40
A
ERSM
non-repetitive peak reverse
avalanche energy
L = 120 mH; Tj =Tj max prior to
surge; inductive load switched off
−
20
mJ
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
see Fig. 17
−65
+175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 2 A; Tj =Tj max;
see Figs 18, 19 and 20
BYV27-50 to 200
−−
0.78
V
BYV27-300 and 400
−−
0.82
V
BYV27-500 and 600
−−
1.00
V
VF
forward voltage
IF =2A;
see Figs 18, 19 and 20
BYV27-50 to 200
−−
0.98
V
BYV27-300 and 400
−−
1.05
V
BYV27-500 and 600
−−
1.25
V
V(BR)R
reverse avalanche breakdown
voltage
IR = 0.1 mA
BYV27-50
55
−−
V
BYV27-100
110
−−
V
BYV27-150
165
−−
V
BYV27-200
220
−−
V
BYV27-300
330
−−
V
BYV27-400
440
−−
V
BYV27-500
560
−−
V
BYV27-600
675
−−
V
IR
reverse current
VR =VRRMmax;
see Fig. 21
−−
5
µA
VR =VRRMmax;
Tj = 165 °C; see Fig. 21
−−
150
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com