Electronic Components Datasheet Search
  English  ▼

X  

BYV28 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BYV28
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV28 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BYV28 Datasheet HTML 2Page - NXP Semiconductors BYV28 Datasheet HTML 3Page - NXP Semiconductors BYV28 Datasheet HTML 4Page - NXP Semiconductors BYV28 Datasheet HTML 5Page - NXP Semiconductors BYV28 Datasheet HTML 6Page - NXP Semiconductors BYV28 Datasheet HTML 7Page - NXP Semiconductors BYV28 Datasheet HTML 8Page - NXP Semiconductors BYV28 Datasheet HTML 9Page - NXP Semiconductors BYV28 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1997 Nov 24
6
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYV28 series
BYV28-50 to 400
Ttp =85°C; Rth j-tp = 25 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 200 V.
Fig.6 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
handbook, full pagewidth
0
20
10 2
110
10 2
10 3
10 4
MLC212
t
(ms)
p
10 1
I FRM
(A)
10
30
40
δ = 0.05
0.1
0.2
0.5
1
BYV28-500 and 600
Ttp =85°C; Rth j-tp = 25 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 600 V.
Fig.7 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
handbook, full pagewidth
0
20
104
103
102
10
1
10−1
10−2
MGK642
tp (ms)
IFRM
(A)
10
30
40
δ = 0.05
0.1
0.2
0.5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com