Electronic Components Datasheet Search
  English  ▼

X  

BYV28 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BYV28
Description  Ultra fast low-loss controlled avalanche rectifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV28 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BYV28 Datasheet HTML 4Page - NXP Semiconductors BYV28 Datasheet HTML 5Page - NXP Semiconductors BYV28 Datasheet HTML 6Page - NXP Semiconductors BYV28 Datasheet HTML 7Page - NXP Semiconductors BYV28 Datasheet HTML 8Page - NXP Semiconductors BYV28 Datasheet HTML 9Page - NXP Semiconductors BYV28 Datasheet HTML 10Page - NXP Semiconductors BYV28 Datasheet HTML 11Page - NXP Semiconductors BYV28 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1997 Nov 24
8
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYV28 series
BYV28-50 to 400
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
Fig.10 Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function
of average forward current.
handbook, halfpage
0
MGA871
4.8
0
3.2
2.4
1.6
0.8
4.0
P
(W)
I
(A)
F(AV)
24
a = 3
2.5
2
1.57
1.42
Fig.11 Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function
of average forward current.
BYV28-500 and 600
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
handbook, halfpage
0
MGK644
5
0
3
2
1
4
P
(W)
IF(AV)(A)
23
14
a = 3
2.5 2
1.57
1.42
Solid line = VR.
Dotted line = VRRM; δ = 0.5.
Fig.12 Maximum permissible junction
temperature as a function of maximum
reverse voltage percentage.
handbook, halfpage
0
100
200
0
100
50
VR (%VRmax)
Tj
(
°C)
MGK645
BYV28-50 to 200
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.
Fig.13 Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
02
10
0
4
2
8
6
MGA865
1
I F
(A)
V
(V)
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com