Electronic Components Datasheet Search
  English  ▼

X  

UP1561 Datasheet(PDF) 12 Page - uPI Group Inc.

Part # UP1561
Description  Synchronous Buck Controller with 3A VTT LDO for Memory Power Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1561 Datasheet(HTML) 12 Page - uPI Group Inc.

Back Button UP1561 Datasheet HTML 8Page - uPI Group Inc. UP1561 Datasheet HTML 9Page - uPI Group Inc. UP1561 Datasheet HTML 10Page - uPI Group Inc. UP1561 Datasheet HTML 11Page - uPI Group Inc. UP1561 Datasheet HTML 12Page - uPI Group Inc. UP1561 Datasheet HTML 13Page - uPI Group Inc. UP1561 Datasheet HTML 14Page - uPI Group Inc. UP1561 Datasheet HTML 15Page - uPI Group Inc. UP1561 Datasheet HTML 16Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
uP1561
Conceptual
12
uPI Semiconductor Corp., http://www.upi-semi.com
Rev. C00, File Name: uP1561-DS-C0000
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
M
t
i
n
U
e
d
o
i
D
e
p
a
r
t
s
t
o
o
B
l
a
n
r
e
t
n
I
e
g
a
t
l
o
V
d
r
a
w
r
o
FV
T
O
O
B
F
V
T
O
O
B
V
-
5
C
C
V
P
I
,
F
A
m
0
1
=5
7
.
05
8
.
05
9
.
0V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
T
O
O
BI
K
L
T
O
O
B
V
T
O
O
B
V
,
V
4
3
=
E
S
A
H
P
V
,
V
6
2
=
Q
D
D
V
V
6
.
2
=-
-1
.
00
.
1A
u
P
C
O
d
l
o
h
s
e
r
h
T
t
i
m
i
L
t
n
e
r
r
u
CV
L
C
O
V
S
C
-
D
N
G
P
V
,
h
g
i
H
=
K
O
P
,
S
C
V
5
.
0
<0
50
60
7V
m
V
S
C
-
D
N
G
P
V
,
w
o
L
=
K
O
P
,
S
C
V
5
.
0
<0
20
30
4V
m
t
n
e
r
r
u
C
k
n
i
S
e
s
n
e
S
t
n
e
r
r
u
CI
P
I
R
T
V
S
C
h
g
i
H
=
K
O
P
,
V
5
.
4
>9
0
11
1A
u
V
S
C
w
o
L
=
K
O
P
,
V
5
.
4
>4
5
6
A
u
-
o
C
e
r
u
t
a
r
e
p
m
e
T
t
n
e
r
r
u
C
p
i
r
T
t
n
e
i
c
i
f
f
e
C
T
P
I
R
T
I
R
)
N
O
(
S
D
T
f
o
s
i
s
a
b
e
h
t
n
O
,
e
m
e
h
c
s
e
s
n
e
s
A =
5
2 OC
-
-0
0
5
4-
-
-
/
m
p
p
OC
n
o
i
t
c
e
t
o
r
P
t
n
e
r
r
u
c
r
e
v
O
t
e
s
f
f
O
r
o
t
a
r
a
p
m
o
C
V
)
f
f
o
(
L
C
O
V
(
S
C
-
5
C
C
V
V
-
E
S
A
H
P
-
D
N
G
P
V
,
)
S
C
-
5
C
C
V
V
,
V
m
0
6
=
S
C
V
5
.
4
>
9
-4
-1
V
m
d
l
o
h
s
e
r
h
T
t
i
m
i
L
t
n
e
r
r
u
C
e
g
n
a
R
g
n
i
t
t
e
S
V
)
p
i
r
t
(
R
V
S
C
-
5
C
C
V
0
3-
-0
0
3V
m
r
o
t
a
r
a
p
m
o
C
K
O
P
d
l
o
h
s
e
r
h
T
K
O
P
Q
D
D
VV
K
O
P
Q
D
D
V
T
r
e
w
o
l
m
o
r
f
n
i
K
O
P3
95
97
9%
s
i
s
e
r
e
t
s
y
h
K
O
P-
-5
-
-%
t
n
e
r
r
u
C
k
n
i
S
K
O
PI
)
x
a
m
(
K
O
P
V
T
T
V
V
,
V
0
=
K
O
P
V
5
.
0
=5
.
20
.
9-
-A
m
e
m
i
T
y
a
l
e
D
K
O
PT
)
l
e
d
(
K
O
P
n
i
K
O
P
r
o
f
y
a
l
e
D0
80
3
10
0
2s
u
d
l
o
h
s
e
r
h
T
c
i
g
o
L
d
n
a
t
u
o
k
c
o
L
e
g
a
t
l
o
V
r
e
d
n
U
d
l
o
h
s
e
r
h
T
O
L
V
U
5
C
C
V
e
g
a
t
l
o
V
V
5
C
C
V
V
U
p
u
e
k
a
W7
.
30
.
43
.
4V
s
i
s
e
r
e
t
s
y
H-
-3
.
0-
-V
d
l
o
h
s
e
r
h
T
e
d
o
MV
E
D
O
M
H
T
e
g
r
a
h
c
s
i
d
o
N7
.
4-
--
-V
e
g
r
a
h
c
s
i
d
g
n
i
k
c
a
r
t
-
n
o
N-
--
-1
.
0V
d
l
o
h
s
e
r
h
T
T
E
S
Q
D
D
V
e
g
a
t
l
o
V
V
T
E
S
Q
D
D
V
H
T
t
u
p
t
u
o
V
5
.
15
1
.
08
2
.
05
3
.
0V
t
u
p
t
u
o
V
8
.
15
.
30
.
45
.
4V
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
l
-
h
g
i
HV
H
I
5
S
,
3
S2
.
2-
--
-V
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
l
-
w
o
LV
L
I
5
S
,
3
S-
--
-3
.
0V
e
g
a
t
l
o
V
s
i
s
e
r
e
t
s
y
HV
T
S
Y
H
I
5
S
,
3
S-
-2
.
0-
-V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
I
c
i
g
o
LV
K
A
E
L
N
I
E
D
O
M
,
5
S
,
3
S1
--
-1
A
u
t
n
e
r
r
u
C
s
a
i
B
/
e
g
a
k
a
e
L
t
u
p
n
IV
T
E
S
Q
D
D
V
N
I
T
E
S
Q
D
D
V1
--
-1
A
u
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com