Electronic Components Datasheet Search
  English  ▼

X  

UP1561 Datasheet(PDF) 13 Page - uPI Group Inc.

Part # UP1561
Description  Synchronous Buck Controller with 3A VTT LDO for Memory Power Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1561 Datasheet(HTML) 13 Page - uPI Group Inc.

Back Button UP1561 Datasheet HTML 9Page - uPI Group Inc. UP1561 Datasheet HTML 10Page - uPI Group Inc. UP1561 Datasheet HTML 11Page - uPI Group Inc. UP1561 Datasheet HTML 12Page - uPI Group Inc. UP1561 Datasheet HTML 13Page - uPI Group Inc. UP1561 Datasheet HTML 14Page - uPI Group Inc. UP1561 Datasheet HTML 15Page - uPI Group Inc. UP1561 Datasheet HTML 16Page - uPI Group Inc. UP1561 Datasheet HTML 17Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
uP1561
Conceptual
13
uPI Semiconductor Corp., http://www.upi-semi.com
Rev. C00, File Name: uP1561-DS-C0000
Electrical Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
M
s
t
i
n
U
P
V
O
d
n
a
P
V
U
d
l
o
h
s
e
r
h
T
p
i
r
T
P
V
O
Q
D
D
V
e
g
a
tl
o
V
V
P
V
O
t
c
e
t
e
d
P
V
O5
1
10
2
15
2
1%
s
i
s
e
r
e
t
s
y
H-
-5
-
-%
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
P
V
O
Q
D
D
VT
L
E
D
P
V
O
-
-5
.
1-
-s
u
d
l
o
h
s
e
r
h
T
p
i
r
T
P
V
U
t
u
p
t
u
OV
P
V
U
t
c
e
t
e
d
P
V
U-
-0
7-
-%
s
i
s
e
r
e
t
s
y
H-
-0
1-
-%
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
P
V
U
t
u
p
t
u
OT
L
E
D
P
V
U
-
-0
8-
-
s
u
y
a
l
e
D
e
l
b
a
n
E
P
V
U
t
u
p
t
u
OT
N
E
P
V
U
-
-0
0
0
3-
-
n
w
o
d
t
n
u
h
S
l
a
m
r
e
h
T
d
l
o
h
s
e
r
h
T
n
w
o
d
t
u
h
S
l
a
m
r
e
h
TT
N
D
S
e
r
u
t
a
r
e
p
m
e
t
n
w
o
d
t
u
h
S-
-0
6
1-
-
OC
s
i
s
e
r
e
t
s
y
H-
-0
1-
-
OC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com