Electronic Components Datasheet Search
  English  ▼

X  

LMK6P Datasheet(PDF) 16 Page - Texas Instruments

Part # LMK6P
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6P Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMK6P Datasheet HTML 12Page - Texas Instruments LMK6P Datasheet HTML 13Page - Texas Instruments LMK6P Datasheet HTML 14Page - Texas Instruments LMK6P Datasheet HTML 15Page - Texas Instruments LMK6P Datasheet HTML 16Page - Texas Instruments LMK6P Datasheet HTML 17Page - Texas Instruments LMK6P Datasheet HTML 18Page - Texas Instruments LMK6P Datasheet HTML 19Page - Texas Instruments LMK6P Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
7.9 Typical Characteristics (continued)
Figure 7-7. Current Consumption vs Frequency
(HCSL, 2.5 V)
Frequency (MHz)
100 125 150 175 200 225 250 275 300 325 350 375 400
50
60
70
80
90
100
VDD = 3.3 V
OUTPUT FORMAT = HCSL
-40 oC
25 oC
85 oC
Figure 7-8. Current Consumption vs Frequency
(HCSL, 3.3 V)
Frequency (MHz)
50
100
150
200
250
300
350
400
50
60
70
80
90
100
VDD = 1.8 V
OUTPUT FORMAT = LVPECL
-40 oC
25 oC
85 oC
Figure 7-9. Current Consumption vs Frequency
(LVPECL, 1.8 V)
Frequency (MHz)
100 125 150 175 200 225 250 275 300 325 350 375 400
50
60
70
80
90
100
VDD = 2.5 V
OUTPUT FORMAT = LVPECL
-40 oC
25 oC
85 oC
Figure 7-10. Current Consumption vs Frequency
(LVPECL, 2.5 V)
Frequency (MHz)
100 125 150 175 200 225 250 275 300 325 350 375 400
50
60
70
80
90
100
VDD = 3.3 V
OUTPUT FORMAT = LVPECL
-40 oC
25 oC
85 oC
Figure 7-11. Current Consumption vs Frequency
(LVPECL, 3.3 V)
Frequency (MHz)
100 125 150 175 200 225 250 275 300 325 350 375 400
50
60
70
80
90
100
VDD = 1.8 V
OUTPUT FORMAT = LVDS
-40 oC
25 oC
85 oC
Figure 7-12. Current Consumption vs Frequency
(LVDS, 1.8 V)
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826D – APRIL 2022 – REVISED FEBRUARY 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com