Electronic Components Datasheet Search
  English  ▼

X  

LMK6P Datasheet(PDF) 18 Page - Texas Instruments

Part # LMK6P
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6P Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMK6P Datasheet HTML 14Page - Texas Instruments LMK6P Datasheet HTML 15Page - Texas Instruments LMK6P Datasheet HTML 16Page - Texas Instruments LMK6P Datasheet HTML 17Page - Texas Instruments LMK6P Datasheet HTML 18Page - Texas Instruments LMK6P Datasheet HTML 19Page - Texas Instruments LMK6P Datasheet HTML 20Page - Texas Instruments LMK6P Datasheet HTML 21Page - Texas Instruments LMK6P Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
7.9 Typical Characteristics (continued)
Frequency (MHz)
40
45
50
55
60
65
70
75
80
85
90
95
100
100
120
140
160
180
200
220
240
260
280
300
320
340
360
380
400
Figure 7-21. RMS Jitter vs Frequency (Below 100 MHz) for
LVPECL, HCSL; TYPICAL 3.3 V, 25°C
Frequency (MHz)
40
45
50
55
60
65
70
75
80
85
90
95
100
100
120
140
160
180
200
220
240
260
280
300
320
340
360
380
400
Figure 7-22. RMS Jitter vs Frequency (Below 100 MHz) for
LVDS; TYPICAL 3.3 V, 25°C
Frequency (MHz)
100
105
110
115
120
125
130
135
140
145
150
155
160
165
170
175
180
185
190
195
200
200
220
240
260
280
300
320
340
360
380
400
Figure 7-23. RMS Jitter vs Frequency ( 100 MHz - 200 MHz) for
LVCMOS; TYPICAL 3.3 V, 25°C
Frequency (MHz)
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
Figure 7-24. RMS Jitter vs Frequency ( 10 MHz - 100 MHz) for
LVCMOS; TYPICAL 3.3 V, 25°C
Frequency (MHz)
25
50
75
100
125
150
175
200
45
46
47
48
49
50
51
52
53
54
55
1.8 V
2.5 V
3.3 V
Figure 7-25. Duty Cycle (%) vs Frequency vs Power Supply;
25°C
Temperature (oC)
-40
-20
0
20
40
60
80
100
45
46
47
48
49
50
51
52
53
54
55
1.8 V
2.5 V
3.3 V
Figure 7-26. Duty Cycle (%) vs Temperature vs Power Supply;
50-MHz Frequency
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826D – APRIL 2022 – REVISED FEBRUARY 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com