Electronic Components Datasheet Search
  English  ▼

X  

LP87702 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 51 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 47Page - Texas Instruments LP87702 Datasheet HTML 48Page - Texas Instruments LP87702 Datasheet HTML 49Page - Texas Instruments LP87702 Datasheet HTML 50Page - Texas Instruments LP87702 Datasheet HTML 51Page - Texas Instruments LP87702 Datasheet HTML 52Page - Texas Instruments LP87702 Datasheet HTML 53Page - Texas Instruments LP87702 Datasheet HTML 54Page - Texas Instruments LP87702 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 99 page
background image
Table 8-18. BUCK1_VOUT Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
BUCK1_VSET
R/W
0h
Output voltage of BUCK1 converter
0x00 ... 0x13, Reserved, DO NOT USE
0.7 V – 0.73 V, 10 mV steps
0x14 – 0.7 V
...
0x17 – 0.73 V
0.73 V – 1.4 V, 5 mV steps
0x18 – 0.735 V
...
0x9D – 1.4 V
1.4 V – 3.36 V, 20 mV steps
0x9E – 1.42 V
...
0xFF – 3.36 V
(Default from OTP memory)
8.6.1.1.9 BOOST_CTRL Register (Offset = 8h) [reset = 8h]
BOOST_CTRL is shown in Figure 8-27 and described in Table 8-19.
Return to Table 8-9.
Figure 8-27. BOOST_CTRL Register
7
6
5
4
3
2
1
0
BOOST_VSET
RESERVED
RESERVED
BOOST_RDIS_
EN
BOOST_EN_PIN_CTRL
BOOST_EN
R/W-0h
R/W-0h
R/W-1h
R/W-1h
R/W-0h
R/W-0h
Table 8-19. BOOST_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
BOOST_VSET
R/W
0h
Output voltage of Boost:
0x0 – 4.9 V
0x1 – 5.0 V
0x2 – 5.1 V
0x3 – 5.2 V
(Default from OTP memory)
5
RESERVED
R/W
0h
4
RESERVED
R/W
1h
3
BOOST_RDIS_EN
R/W
1h
Enable output discharge resistor when BOOST is disabled:
0 – Discharge resistor disabled
1 – Discharge resistor enabled.
2-1
BOOST_EN_PIN_CTRL
R/W
0h
Enable or disable control for Boost:
0x0 – only BOOST_EN bit controls Boost
0x1 – BOOST_EN bit AND EN1 pin control Boost
0x2 – BOOST_EN bit AND EN2 pin control Boost
0x3 – BOOST_EN bit AND EN3 pin control Boost
(Default from OTP memory)
0
BOOST_EN
R/W
0h
Enable Boost converter:
0 – Boost converter is disabled
1 – Boost converter is enabled.
(Default from OTP memory)
8.6.1.1.10 BUCK0_DELAY Register (Offset = 9h) [reset = 0h]
BUCK0_DELAY is shown in Figure 8-28 and described in Table 8-20.
Return to Table 8-9.
www.ti.com
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com