Electronic Components Datasheet Search
  English  ▼

X  

TCAL9539 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TCAL9539
Description  TCAL9539-Q1 Automotive Low-Voltage 16-Bit I2C-Bus, SMBus I/O Expander with Interrupt Output, Reset, and Configuration Registers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCAL9539 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TCAL9539 Datasheet HTML 28Page - Texas Instruments TCAL9539 Datasheet HTML 29Page - Texas Instruments TCAL9539 Datasheet HTML 30Page - Texas Instruments TCAL9539 Datasheet HTML 31Page - Texas Instruments TCAL9539 Datasheet HTML 32Page - Texas Instruments TCAL9539 Datasheet HTML 33Page - Texas Instruments TCAL9539 Datasheet HTML 34Page - Texas Instruments TCAL9539 Datasheet HTML 35Page - Texas Instruments TCAL9539 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
Applications of the TCAL9539-Q1 use this device connected as a target to an I2C controller (processor), and the
I2C bus may contain any number of other target devices. The TCAL9539-Q1 is in a remote location from the
controller, placed close to the GPIOs to which the controller needs to monitor or control.
9.2 Typical Application
Figure 9-1 shows an application in which the TCAL9539-Q1 can be used.
P00
P01
P02
P03
P04
P05
A1
A0
A
B
P06
P07
P10
P11
P12
P13
P14
P15
P16
P17
V CC
V
CC
V
CC
Controlled Switch
(CBT Device)
GND
INT
SDA
SCL
10 kΩ
10 kΩ
10 kΩ
10 kΩ
2 kΩ
INT
Subsystem 1
(Temperature
Sensor)
Subsystem 2
(Counter)
TCAL9539-Q1
SDA
SCL
INT
GND
Keypad
ALARM
RESET
ENABLE
Subsystem 3
(Alarm)
Controller
1
2
3
4
5
6
7
8
10
11
12
13
14
15
16
17
19
20
22
23
18
9
21
100
100
100
RESET
24
V CC
kΩ
kΩ
kΩ
0.1 uF
GND
GND
A.
Device address configured as 1110100 for this example.
B.
P00, P02, and P03 are configured as outputs.
C.
P01 and P04 to P017 are configured as inputs.
D.
Resistors are required for inputs (on P port) that may float. If a driver to an input will never let the input float, a resistor is not needed.
Outputs (in the P port) do not need pullup resistors.
Figure 9-1. Typical Application Schematic
TCAL9539-Q1
SCPS285A – NOVEMBER 2022 – REVISED AUGUST 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TCAL9539-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com