Electronic Components Datasheet Search
  English  ▼

X  

TCAL9539 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TCAL9539
Description  TCAL9539-Q1 Automotive Low-Voltage 16-Bit I2C-Bus, SMBus I/O Expander with Interrupt Output, Reset, and Configuration Registers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCAL9539 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TCAL9539 Datasheet HTML 9Page - Texas Instruments TCAL9539 Datasheet HTML 10Page - Texas Instruments TCAL9539 Datasheet HTML 11Page - Texas Instruments TCAL9539 Datasheet HTML 12Page - Texas Instruments TCAL9539 Datasheet HTML 13Page - Texas Instruments TCAL9539 Datasheet HTML 14Page - Texas Instruments TCAL9539 Datasheet HTML 15Page - Texas Instruments TCAL9539 Datasheet HTML 16Page - Texas Instruments TCAL9539 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
6.9 Typical Characteristics (continued)
TA = 25°C (unless otherwise noted)
VCC - VOH (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
3
6
9
12
15
18
21
24
27
30
33
36
125 C
85 C
25 C
-40 C
Figure 6-13. I/O Source Current vs Output High Voltage ,
VCC = 1.08 V
VCC - VOH (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10
15
20
25
30
35
40
45
50
55
125 C
85 C
25 C
-40 C
Figure 6-14. I/O Source Current vs Output High Voltage,
VCC = 1.2 V
VCC - VOH (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
10
20
30
40
50
60
70
80
90
100
110
120
130
125 C
85 C
25 C
-40 C
Figure 6-15. I/O Source Current vs Output High Voltage,
VCC = 1.8 V
VCC - VOH (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
25
50
75
100
125
150
175
125 C
85 C
25 C
-40 C
Figure 6-16. I/O Source Current vs Output High Voltage,
VCC = 2.5 V
VCC - VOH (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
20
40
60
80
100
120
140
160
180
200
220
125 C
85 C
25 C
-40 C
Figure 6-17. I/O Source Current vs Output High Voltage,
VCC = 3.3 V
VCC - VOH (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
30
60
90
120
150
180
210
240
125 C
85 C
25 C
-40 C
Figure 6-18. I/O Source Current vs Output High Voltage,
VCC = 3.6 V
www.ti.com
TCAL9539-Q1
SCPS285A – NOVEMBER 2022 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TCAL9539-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com