Electronic Components Datasheet Search
  English  ▼

X  

ATA6603 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATA6603
Description  Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
PDF  362 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6603 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATA6603 Datasheet HTML 9Page - ATMEL Corporation ATA6603 Datasheet HTML 10Page - ATMEL Corporation ATA6603 Datasheet HTML 11Page - ATMEL Corporation ATA6603 Datasheet HTML 12Page - ATMEL Corporation ATA6603 Datasheet HTML 13Page - ATMEL Corporation ATA6603 Datasheet HTML 14Page - ATMEL Corporation ATA6603 Datasheet HTML 15Page - ATMEL Corporation ATA6603 Datasheet HTML 16Page - ATMEL Corporation ATA6603 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 362 page
background image
13
4921C–AUTO–01/07
ATA6602/ATA6603
3.3.14
Wake-up Scenarios from Silent to Sleep Mode
3.3.14.1
Remote Wake-up via Dominant Bus State
A falling edge at pin LIN followed by a dominant bus level maintained for a certain time period
(T
BUS) results in a remote wake-up request. The device switches to Pre Normal Mode. The VDD
voltage regulator is activated, and the internal slave termination resistor is switched on. The
remote wake-up request is indicated by a low level at pin RXD to generate an interrupt in the
microcontroller. The watchdog needs a trigger signal from PTRIG or NTRIG within the lead time
t
D to avoid resets at NRES (see Figure 3-3 on page 9).
3.3.14.2
Local Wake-up via Pin Wake
A falling edge at pin WAKE followed by a low level maintained for a certain time period (T
WAKE)
results in a local wake-up request. The extra long wake-up time (T
WAKE) ensures that no tran-
sients as defined in ISO7637 create a wake-up. The device switches to Pre Normal Mode. The
internal slave termination resistor is switched on. The local wake-up request is indicated by a low
level at pin RXD to generate an interrupt in the microcontroller. The watchdog needs a trigger
signal from PTRIG or NTRIG within the lead time t
D to avoid resets at NRES.
3.3.14.3
Wake-up Source Recognition
The device can distinguish between a local wake-up request (pin WAKE) and a remote wake-up
request (dominant LIN bus state). The wake-up source can be read on pin TXD in Pre Normal
Mode. A high level indicates a remote wake-up request (weak pull down at pin TXD) and a low
level indicates a local wake-up request (strong pull down at pin TXD). The wake-up request flag
(signalled on pin RXD) as well as the wake-up source flag (signalled on pin TXD) are reset
immediately, if the microcontroller sets pin EN to high (see Figure 3-3 on page 9 and Figure 3-4
on page 10).
3.3.15
Fail-safe Features
• During a short circuit at LIN, the output limits the output current to I
BUS_LIM. Due to the power
dissipation, the chip temperature exceeds T
LINoff and the LIN output is switched off. The chip
cools down and after a hysteresis of T
hys, switches the output on again. During LIN
overtemperature switch-off, the V
DD regulator works independently.
• The reverse current at pin LIN is very low (< 3 µA) during loss of V
BAT or GND. This is optimal
behavior for bus systems where some slave modes are supplied from battery or ignition.
• During a short circuit at V
DD, the output limits the output current to IVDDn. Because of
undervoltage, NRES switches to low and sends a reset to the microcontroller. The IC
switches into Pre Normal Mode. If the chip temperature exceeds the value T
VDDoff, the VDD
output switches off. The chip cools down and after a hysteresis of T
hys, switches the output on
again. Because of Pre Normal Mode, the V
DD voltage will switch on again although EN is
switched off from the microcontroller. The microcontroller can start its normal operation.
• Pin EN provides a pull-down resistor to force the transceiver into recessive mode if EN is
disconnected.
• Pin RXD is connected with 5 k
Ω to V
CC, if VBatt is disconnected VCC is at GND level
• Pin TXD provides a pull-up resistor to force the transceiver into recessive mode if TXD is
disconnected.
• If the WD_OSC pin has a short circuit to GND or the resistor is disconnected, the watchdog
oscillator runs with a high frequency and guarantees a reset in any condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com