Electronic Components Datasheet Search
  English  ▼

X  

ATA6603 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATA6603
Description  Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
PDF  362 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6603 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATA6603 Datasheet HTML 1Page - ATMEL Corporation ATA6603 Datasheet HTML 2Page - ATMEL Corporation ATA6603 Datasheet HTML 3Page - ATMEL Corporation ATA6603 Datasheet HTML 4Page - ATMEL Corporation ATA6603 Datasheet HTML 5Page - ATMEL Corporation ATA6603 Datasheet HTML 6Page - ATMEL Corporation ATA6603 Datasheet HTML 7Page - ATMEL Corporation ATA6603 Datasheet HTML 8Page - ATMEL Corporation ATA6603 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 362 page
background image
2
4921C–AUTO–01/07
ATA6602/ATA6603
2.
Pin Configuration
Figure 2-1.
Pinning QFN48, 7 mm
× 7 mm
PC2
PC3
PC4
PC5
PC6
PD0
PD1
PD2
PD3
PD4
GND
VCC
PB0
PD7
PD6
PD5
WAKE
NTRIG
PTRIG
EN
VS
VDD
PVDD
TEMP
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Table 2-1.
Pin Description
Pin
Symbol
Function
1
PC2
Port C 2 I/O line (ADC2/PCINT10)
2
PC3
Port C 3 I/O line (ADC3/PCINT11)
3
PC4
Port C 4 I/O line (ADC4/SDA/PCINT12)
4
PC5
Port C 5 I/O line (ADC5/SCL/PCINT13)
5
PC6
Port C 6 I/O line (RESET/PCINT14)
6
PD0
Port D 0 I/O line (RXD/PCINT16)
7
PD1
Port D 1 I/O line (TXD/PCINT17)
8
PD2
Port D 2 I/O line (INT0/PCINT18)
9
PD3
Port D 3 I/O line (INT1/OC2B/PCINT19)
10
PD4
Port D 4 I/O line (T0/XCK/PCINT20)
11
GND
Ground
12
VCC
Microcontroller supply voltage
13
GND
Ground
14
VCC
Microcontroller supply voltage
15
PB6
Port B 6 I/O line (TOSC1/XTAL1/PCINT6)
16
PB7
Port B 7 I/O line (TOSC2/XTAL2/PCINT7)
17
GND
Ground
18
LIN
LIN bus connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com