Electronic Components Datasheet Search
  English  ▼

X  

NCA015 Datasheet(PDF) 13 Page - C&D Technologies

Part # NCA015
Description  Non-Isolated 15A SIP/SMT DC/DC Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NCA015 Datasheet(HTML) 13 Page - C&D Technologies

Back Button NCA015 Datasheet HTML 9Page - C&D Technologies NCA015 Datasheet HTML 10Page - C&D Technologies NCA015 Datasheet HTML 11Page - C&D Technologies NCA015 Datasheet HTML 12Page - C&D Technologies NCA015 Datasheet HTML 13Page - C&D Technologies NCA015 Datasheet HTML 14Page - C&D Technologies NCA015 Datasheet HTML 15Page - C&D Technologies NCA015 Datasheet HTML 16Page - C&D Technologies NCA015 Datasheet HTML 17Page - C&D Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
4118 14
th Avenue, Unit 4
Markham, Ontario L3R 0J3
1-866-740-1232
4607 S.E. International Way
Milwaukie, Oregon 97222
1-971-206-2800
Page 13
NCA015 6200820000 A02 03Mar06
Volant NCA015 Series
Non-Isolated 15A SIP/SMT DC/DC Converters
www.cdtechno-cps.com
NCA0151330S (2.0Vo, 25C) Eff vs Output Load
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
123456789 10 11 12 13 14 15
Output Load (A)
Vin=3.0V
Vin=5.0V
Vin=5.5V
Fig 20. SMT Efficiency Curves for Vout=2.0V (25C)
NCA0151330B (2.0Vo, 25C) Eff vs Output Load
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
123456789 10 11 12 13 14 15
Output Load (A)
Vin=3.0V
Vin=5.0V
Vin=5.5V
Fig 21. SIP Efficiency Curves for Vout=2.0V (25C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com