Electronic Components Datasheet Search
  English  ▼

X  

NCA015 Datasheet(PDF) 19 Page - C&D Technologies

Part # NCA015
Description  Non-Isolated 15A SIP/SMT DC/DC Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NCA015 Datasheet(HTML) 19 Page - C&D Technologies

Back Button NCA015 Datasheet HTML 14Page - C&D Technologies NCA015 Datasheet HTML 15Page - C&D Technologies NCA015 Datasheet HTML 16Page - C&D Technologies NCA015 Datasheet HTML 17Page - C&D Technologies NCA015 Datasheet HTML 18Page - C&D Technologies NCA015 Datasheet HTML 19Page - C&D Technologies NCA015 Datasheet HTML 20Page - C&D Technologies NCA015 Datasheet HTML 21Page - C&D Technologies NCA015 Datasheet HTML 22Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
4118 14
th Avenue, Unit 4
Markham, Ontario L3R 0J3
1-866-740-1232
4607 S.E. International Way
Milwaukie, Oregon 97222
1-971-206-2800
Page 19
NCA015 6200820000 A02 03Mar06
Volant NCA015 Series
Non-Isolated 15A SIP/SMT DC/DC Converters
www.cdtechno-cps.com
Typical Output Noise and Ripple
Output Voltage Set point adjustment.
The following relationship establish the calculation of external resistors:
5110
7525
.
0
21070
−
−
=
Vo
Radj
For Vout setting an external resistor is connected between the TRIM and Ground Pin.
Resistor values for different output voltages are calculated as given in the table:
Vo, set (Volts)
RAdj (K
Ω)
3.3
3.160
2.5
6.947
2.0
11.780
1.8
15.004
1.5
23.077
1.2
41.973
1.0
80.02
0.9
137.74
0.75
Open
Remote Sense:
All C&D SMT/SIP power modules offer an option for remote sense. The remote sense compensates for any
distribution drops to accurately control voltage at the point of load. The voltage between the sense pin to Vout
pin should not exceed 0.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com