Electronic Components Datasheet Search
  English  ▼

X  

AT89S52-24AI Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT89S52-24AI
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S52-24AI Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT89S52-24AI Datasheet HTML 16Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 17Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 18Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 19Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 20Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 21Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 22Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 23Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
20
1919C–MICRO–3/05
AT89S52
Figure 16-2. External Clock Drive Configuration
17. Program Memory Lock Bits
The AT89S52 has three lock bits that can be left unprogrammed (U) or can be programmed (P)
to obtain the additional features listed in Table 17-1.
When lock bit 1 is programmed, the logic level at the EA pin is sampled and latched during reset.
If the device is powered up without a reset, the latch initializes to a random value and holds that
value until reset is activated. The latched value of EA must agree with the current logic level at
that pin in order for the device to function properly.
Table 16-1.
Status of External Pins During Idle and Power-down Modes
Mode
Program
Memory
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power-down
Internal
0
0
Data
Data
Data
Data
Power-down
External
0
0
Float
Data
Data
Data
XTAL2
XTAL1
GND
NC
EXTERNAL
OSCILLATOR
SIGNAL
Table 17-1.
Lock Bit Protection Modes
Program Lock Bits
LB1
LB2
LB3
Protection Type
1
U
U
U
No program lock features
2P
U
U
MOVC instructions executed from external program memory
are disabled from fetching code bytes from internal memory, EA
is sampled and latched on reset, and further programming of
the Flash memory is disabled
3
P
P
U
Same as mode 2, but verify is also disabled
4
P
P
P
Same as mode 3, but external execution is also disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com