Electronic Components Datasheet Search
  English  ▼

X  

AT89S52-24AI Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT89S52-24AI
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S52-24AI Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT89S52-24AI Datasheet HTML 19Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 20Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 21Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 22Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 23Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 24Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 25Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 26Page - ATMEL Corporation AT89S52-24AI Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
23
1919C–MICRO–3/05
AT89S52
22. Programming Interface – Parallel Mode
Every code byte in the Flash array can be programmed by using the appropriate combination of
control signals. The write operation cycle is self-timed and once initiated, will automatically time
itself to completion.
Most major worldwide programming vendors offer support for the Atmel AT89 microcontroller
series. Please contact your local programming vendor for the appropriate software revision.
Notes:
1. Each PROG pulse is 200 ns - 500 ns for Chip Erase.
2. Each PROG pulse is 200 ns - 500 ns for Write Code Data.
3. Each PROG pulse is 200 ns - 500 ns for Write Lock Bits.
4. RDY/BSY signal is output on P3.0 during programming.
5. X = don’t care.
Table 22-1.
Flash Programming Modes
Mode
VCC
RST
PSEN
ALE/
PROG
EA/
VPP
P2.6
P2.7
P3.3
P3.6
P3.7
P0.7-0
Data
P2.4-0
P1.7-0
Address
Write Code Data
5V
H
L
(2)
12V
L
HHHH
DIN
A12-8
A7-0
Read Code Data
5V
H
L
H
H
L
L
L
H
H
D
OUT
A12-8
A7-0
Write Lock Bit 1
5V
H
L
(3)
12V
HHHHH
X
X
X
Write Lock Bit 2
5V
H
L
(3)
12V
H
H
H
L
L
X
X
X
Write Lock Bit 3
5V
H
L
(3)
12V
H
L
H
H
L
X
X
X
Read Lock Bits
1, 2, 3
5V
H
L
H
H
H
H
L
H
L
P0.2,
P0.3,
P0.4
XX
Chip Erase
5V
H
L
(1)
12V
HL
HL
L
X
X
X
Read Atmel ID
5V
H
L
H
H
LLLLL
1EH
X 0000
00H
Read Device ID
5V
H
L
H
H
LLLLL
52H
X 0001
00H
Read Device ID
5V
H
L
H
H
LLLLL
06H
X 0010
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com