Electronic Components Datasheet Search
  English  ▼

X  

SN54ALS520 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS520
Description  8-BIT IDENTITY COMPARATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS520 Datasheet(HTML) 5 Page - Texas Instruments

  SN54ALS520 Datasheet HTML 1Page - Texas Instruments SN54ALS520 Datasheet HTML 2Page - Texas Instruments SN54ALS520 Datasheet HTML 3Page - Texas Instruments SN54ALS520 Datasheet HTML 4Page - Texas Instruments SN54ALS520 Datasheet HTML 5Page - Texas Instruments SN54ALS520 Datasheet HTML 6Page - Texas Instruments SN54ALS520 Datasheet HTML 7Page - Texas Instruments SN54ALS520 Datasheet HTML 8Page - Texas Instruments SN54ALS520 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN54ALS520, SN74ALS518, SN74ALS520, SN74ALS521
8-BIT IDENTITY COMPARATORS
SDAS224B – JUNE 1982 – REVISED NOVEMBER 1995
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI: Q inputs
VCC + 0.5 V or 5.5 V, whichever is less
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All other inputs
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Off-state output voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN74ALS518
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN74ALS518
UNIT
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VOH
High-level output voltage
5.5
V
IOL
Low-level output current
24
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN74ALS518
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.5
V
IOH
VCC = 5.5 V,
VOH = 5.5 V
0.1
mA
VOL
VCC =4 5V
IOL = 12 mA
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
II
Q inputs
VCC =5 5V
VI = 5.5 V
0.1
mA
II
All other inputs
VCC = 5.5 V
VI = 7 V
0.1
mA
I
Q inputs
VCC =5 5V
VI =2 7V
– 0.2
mA
IIH
All other inputs
VCC = 5.5 V,
VI = 2.7 V
20
µA
I
Q inputs
VCC =5 5V
VI =0 4V
– 0.6
mA
IIL
All other inputs
VCC = 5.5 V,
VI = 0.4 V
– 0.1
mA
ICC
VCC = 5.5 V,
See Note 1
11
17
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.
NOTE 1: ICC is measured with G grounded, and P and Q at 4.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com