Electronic Components Datasheet Search
  English  ▼

X  

SN54ALS520 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS520
Description  8-BIT IDENTITY COMPARATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS520 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54ALS520 Datasheet HTML 3Page - Texas Instruments SN54ALS520 Datasheet HTML 4Page - Texas Instruments SN54ALS520 Datasheet HTML 5Page - Texas Instruments SN54ALS520 Datasheet HTML 6Page - Texas Instruments SN54ALS520 Datasheet HTML 7Page - Texas Instruments SN54ALS520 Datasheet HTML 8Page - Texas Instruments SN54ALS520 Datasheet HTML 9Page - Texas Instruments SN54ALS520 Datasheet HTML 10Page - Texas Instruments SN54ALS520 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SN54ALS520, SN74ALS518, SN74ALS520, SN74ALS521
8-BIT IDENTITY COMPARATORS
SDAS224B – JUNE 1982 – REVISED NOVEMBER 1995
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS520
SN74ALS520
SN74ALS521
UNIT
MIN
TYP†
MAX
MIN
TYP†
MAX
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.5
– 1.5
V
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC –2
VCC –2
VOH
VCC =4 5V
IOH = – 1 mA
2.4
3.3
V
VCC = 4.5 V
IOH = – 2.6 mA
2.4
3.2
VOL
VCC =4 5V
IOL = 12 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
II
′ALS520 Q inputs
VCC =5 5V
VI = 5.5 V
0.1
0.1
mA
II
All other inputs
VCC = 5.5 V
VI = 7 V
0.1
0.1
mA
I
′ALS520 Q inputs
VCC =5 5V
VI =2 7V
– 0.2
– 0.2
mA
IIH
All other inputs
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
′ALS520 Q inputs
VCC =5 5V
VI =0 4V
– 0.6
– 0.6
mA
IIL
All other inputs
VCC = 5.5 V,
VI = 0.4 V
– 0.1
– 0.1
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–20
–112
–30
–112
mA
ICC
′ALS520
VCC =5 5V
See Note 1
12
19
12
19
mA
ICC
SN74ALS521
VCC = 5.5 V,
See Note 1
12
19
12
19
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
NOTE 1: ICC is measured with G grounded, and P and Q at 4.5 V.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX§
UNIT
PARAMETER
(INPUT)
(OUTPUT)
SN54ALS520
SN74ALS520
SN74ALS521
UNIT
MIN
MAX
MIN
MAX
tPLH
PorQ
PQ
3
19
3
12
ns
tPHL
P or Q
P = Q
3
25
5
20
ns
tPLH
G
P=Q
2
18
2
12
ns
tPHL
G
P = Q
5
23
5
22
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com