Electronic Components Datasheet Search
  English  ▼

X  

AT89S51 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT89S51
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S51 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT89S51 Datasheet HTML 14Page - ATMEL Corporation AT89S51 Datasheet HTML 15Page - ATMEL Corporation AT89S51 Datasheet HTML 16Page - ATMEL Corporation AT89S51 Datasheet HTML 17Page - ATMEL Corporation AT89S51 Datasheet HTML 18Page - ATMEL Corporation AT89S51 Datasheet HTML 19Page - ATMEL Corporation AT89S51 Datasheet HTML 20Page - ATMEL Corporation AT89S51 Datasheet HTML 21Page - ATMEL Corporation AT89S51 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
2487C–MICRO–03/05
AT89S51
Figure 18-1. Flash Programming and Verification Waveforms – Parallel Mode
18. Flash Programming and Verification Characteristics (Parallel Mode)
T
A = 20°C to 30°C, VCC = 4.5 to 5.5V
Symbol
Parameter
Min
Max
Units
V
PP
Programming Supply Voltage
11.5
12.5
V
IPP
Programming Supply Current
10
mA
I
CC
V
CC Supply Current
30
mA
1/t
CLCL
Oscillator Frequency
3
33
MHz
tAVGL
Address Setup to PROG Low
48 tCLCL
t
GHAX
Address Hold After PROG
48 t
CLCL
t
DVGL
Data Setup to PROG Low
48 t
CLCL
tGHDX
Data Hold After PROG
48 tCLCL
t
EHSH
P2.7 (ENABLE) High to V
PP
48 t
CLCL
t
SHGL
V
PP Setup to PROG Low
10
µs
tGHSL
VPP Hold After PROG
10
µs
t
GLGH
PROG Width
0.2
1
µs
t
AVQV
Address to Data Valid
48t
CLCL
tELQV
ENABLE Low to Data Valid
48tCLCL
t
EHQZ
Data Float After ENABLE
048t
CLCL
t
GHBL
PROG High to BUSY Low
1.0
µs
tWC
Byte Write Cycle Time
50
µs
t
GLGH
t
GHSL
t
AVGL
t
SHGL
t
DVGL
t
GHAX
t
AVQV
t
GHDX
t
EHSH
t
ELQV
t
WC
BUSY
READY
t
GHBL
t
EHQZ
P1.0 - P1.7
P2.0 - P2.3
ALE/PROG
PORT 0
LOGIC 1
LOGIC 0
EA/V
PP
V
PP
P2.7
(ENABLE)
P3.0
(RDY/BSY)
PROGRAMMING
ADDRESS
VERIFICATION
ADDRESS
DATA IN
DATA OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com