Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA406_0607 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATMEGA406_0607
Description  8-bit Microcontroller with 40K Bytes In-System Programmable Flash
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA406_0607 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATMEGA406_0607 Datasheet HTML 12Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 13Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 14Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 15Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 16Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 17Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 18Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 19Page - ATMEL Corporation ATMEGA406_0607 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 263 page
background image
16
2548E–AVR–07/06
ATmega406
6.
AVR Memories
This section describes the different memories in the ATmega406. The AVR architecture has two
main memory spaces, the Data Memory and the Program Memory space. In addition, the
ATmega406 features an EEPROM Memory for data storage. All three memory spaces are linear
and regular.
6.1
In-System Reprogrammable Flash Program Memory
The ATmega406 contains 40K bytes On-chip In-System Reprogrammable Flash memory for
program storage. Since all AVR instructions are 16 or 32 bits wide, the Flash is organized as
20K x 16. For software security, the Flash Program memory space is divided into two sections,
Boot Program section and Application Program section.
The Flash memory has an endurance of at least 10,000 write/erase cycles. The ATmega406
Program Counter (PC) is 15 bits wide, thus addressing the 20K program memory locations. The
operation of Boot Program section and associated Boot Lock bits for software protection are
described in detail in ”Boot Loader Support – Read-While-Write Self-Programming” on page
178. ”Memory Programming” on page 195 contains a detailed description on Flash data serial
downloading.
Constant tables can be allocated within the entire program memory address space (see the LPM
– Load Program Memory instruction description).
Timing diagrams for instruction fetch and execution are presented in ”Instruction Execution Tim-
ing” on page 13.
Figure 6-1.
Program Memory Map
0x0000
0x4FFF
Program Memory
Application Flash Section
Boot Flash Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com