Electronic Components Datasheet Search
  English  ▼

X  

AT24C02 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT24C02
Description  Two-wire Automotive Serial EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT24C02 Datasheet HTML 10Page - ATMEL Corporation AT24C02 Datasheet HTML 11Page - ATMEL Corporation AT24C02 Datasheet HTML 12Page - ATMEL Corporation AT24C02 Datasheet HTML 13Page - ATMEL Corporation AT24C02 Datasheet HTML 14Page - ATMEL Corporation AT24C02 Datasheet HTML 15Page - ATMEL Corporation AT24C02 Datasheet HTML 16Page - ATMEL Corporation AT24C02 Datasheet HTML 17Page - ATMEL Corporation AT24C02 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
AT24C01A/02/04/08/16
3256F–SEEPR–10/04
AT24C04 Ordering Information
Ordering Code
Package
Operation Range
AT24C04-10PA-5.0C
AT24C04N-10SA-5.0C
8P3
8S1
Automotive
(
−40°C to 125°C)
AT24C04-10PA-2.7C
AT24C04N-10SA-2.7C
8P3
8S1
Automotive
(
−40°C to 125°C)
Package Type
8P3
8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S1
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
Options
−5.0
Standard Operation (4.5V to 5.5V)
−2.7
Low-voltage (2.7V to 5.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com