Electronic Components Datasheet Search
  English  ▼

X  

AT24C02 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT24C02
Description  Two-wire Automotive Serial EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT24C02 Datasheet HTML 2Page - ATMEL Corporation AT24C02 Datasheet HTML 3Page - ATMEL Corporation AT24C02 Datasheet HTML 4Page - ATMEL Corporation AT24C02 Datasheet HTML 5Page - ATMEL Corporation AT24C02 Datasheet HTML 6Page - ATMEL Corporation AT24C02 Datasheet HTML 7Page - ATMEL Corporation AT24C02 Datasheet HTML 8Page - ATMEL Corporation AT24C02 Datasheet HTML 9Page - ATMEL Corporation AT24C02 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
AT24C01A/02/04/08/16
3256F–SEEPR–10/04
STANDBY MODE: The AT24C01A/02/04/08/16 features a low-power standby mode
which is enabled: (a) upon power-up and (b) after the receipt of the Stop bit and the
completion of any internal operations.
MEMORY RESET: After an interruption in protocol, power loss or system reset, any 2-
wire part can be reset by following these steps:
1.
Clock up to 9 cycles.
2.
Look for SDA high in each cycle while SCL is high.
3.
Create a start condition.
Bus Timing
Figure 2. SCL: Serial Clock, SDA: Serial Data I/O
Write Cycle Timing
Figure 3. SCL: Serial Clock, SDA: Serial Data I/O
Note:
1. The write cycle time t
WR is the time from a valid stop condition of a write sequence to the end of the internal clear/write cycle.
twr
(1)
STOP
CONDITION
START
CONDITION
WORDn
ACK
8th BIT
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com