Electronic Components Datasheet Search
  English  ▼

X  

NE570 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NE570
Description  Compandor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE570 Datasheet(HTML) 1 Page - ON Semiconductor

  NE570 Datasheet HTML 1Page - ON Semiconductor NE570 Datasheet HTML 2Page - ON Semiconductor NE570 Datasheet HTML 3Page - ON Semiconductor NE570 Datasheet HTML 4Page - ON Semiconductor NE570 Datasheet HTML 5Page - ON Semiconductor NE570 Datasheet HTML 6Page - ON Semiconductor NE570 Datasheet HTML 7Page - ON Semiconductor NE570 Datasheet HTML 8Page - ON Semiconductor NE570 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev. 4
1
Publication Order Number:
NE570/D
NE570
Compandor
The NE570 is a versatile low cost dual gain control circuit in which
either channel may be used as a dynamic range compressor or
expandor. Each channel has a full−wave rectifier to detect the average
value of the signal, a linerarized temperature−compensated variable
gain cell, and an operational amplifier.
The NE570 is well suited for use in cellular radio and radio
communications systems, modems, telephone, and satellite
broadcast/receive audio systems.
Features
• Complete Compressor and Expandor in One IC
• Temperature Compensated
• Greater than 110 dB Dynamic Range
• Operates Down to 6.0 VDC
• System Levels Adjustable with External Components
• Distortion may be Trimmed Out
• Pb−Free Packages are Available*
Applications
• Cellular Radio
• Telephone Trunk Comandor
• High Level Limiter
• Low Level Expandor − Noise Gate
• Dynamic Noise Reduction Systems
• Voltage−Controlled Amplifier
• Dynamic Filters
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Maximum Operating Voltage
VCC
24
VDC
Operating Ambient Temperature Range
TA
0 to +70
°C
Operating Junction Temperature
TJ
150
°C
Power Dissipation
PD
400
mW
Thermal Resistance, Junction−to−Ambient
RqJA
105
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
DG CELL IN
RECT IN
VREF
1.8 V
THD TRIM
RECT CAP
INVERTER IN
OUTPUT
+
−
R2 20 kW
R1 10 kW
VARIABLE
GAIN
30 k
W
20 k
W
Figure 1. Block Diagram
RECTIFIER
R3
R3
R4
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
PIN CONNECTIONS
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
(Top View)
SOIC−16 WB
D SUFFIX
CASE 751G
RECT_IN_1
RECT_CAP_2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
RECT_CAP_1
DG_CELL_IN_1
INV_IN_1
GND
RES_R3_1
OUTPUT_1
THD_TRIM_1
RECT_IN_2
DG_CELL_IN_2
VCC
INV_IN_2
RES_R3_2
OUTPUT_2
THD_TRIM_2
1
MARKING
DIAGRAM
16
1
NE570D
AWLYYWWG
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
G
= Pb−Free Package
Plastic Small Outline Package;
16 Leads; Body Width 7.5 mm


Similar Part No. - NE570

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE570 PHILIPS-NE570 Datasheet
107Kb / 12P
Telephone trunk comandor
2003 Apr 03
NE570 PHILIPS-NE570 Datasheet
400Kb / 7P
Compandor
NE570D PHILIPS-NE570D Datasheet
107Kb / 12P
Telephone trunk comandor
2003 Apr 03
NE570D PHILIPS-NE570D Datasheet
400Kb / 7P
Compandor
NE570F PHILIPS-NE570F Datasheet
400Kb / 7P
Compandor
More results

Similar Description - NE570

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA571 PHILIPS-SA571 Datasheet
143Kb / 11P
Compandor
1997 Aug 14
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
Low voltage compandor
1997 Nov 07
logo
Daewoo Semiconductor
DBL5015 DAEWOO-DBL5015 Datasheet
282Kb / 4P
COMPANDOR
logo
AUK corp
SL5015P AUK-SL5015P Datasheet
49Kb / 4P
COMPANDOR
logo
Samsung semiconductor
KA8512 SAMSUNG-KA8512 Datasheet
132Kb / 6P
COMPANDOR
logo
ON Semiconductor
SA571 ONSEMI-SA571 Datasheet
104Kb / 11P
Compandor
March, 2006 ??Rev. 4
logo
AUK corp
SL5015 AUK-SL5015_1 Datasheet
51Kb / 4P
COMPANDOR
logo
Unisonic Technologies
UTC571N UTC-UTC571N_15 Datasheet
284Kb / 5P
COMPANDOR
logo
ON Semiconductor
NCY9100 ONSEMI-NCY9100 Datasheet
173Kb / 10P
Compandor
April, 2009 ??Rev. 0
logo
NXP Semiconductors
NE570N PHILIPS-NE570N Datasheet
400Kb / 7P
Compandor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com