Electronic Components Datasheet Search
  English  ▼

X  

NE570 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NE570
Description  Compandor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE570 Datasheet(HTML) 4 Page - ON Semiconductor

  NE570 Datasheet HTML 1Page - ON Semiconductor NE570 Datasheet HTML 2Page - ON Semiconductor NE570 Datasheet HTML 3Page - ON Semiconductor NE570 Datasheet HTML 4Page - ON Semiconductor NE570 Datasheet HTML 5Page - ON Semiconductor NE570 Datasheet HTML 6Page - ON Semiconductor NE570 Datasheet HTML 7Page - ON Semiconductor NE570 Datasheet HTML 8Page - ON Semiconductor NE570 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NE570
http://onsemi.com
4
13
2, 15
4
1, 16
5, 12
8, 9
7, 10
6, 11
V1
V2
VO
VCC = 15 V
VREF
10
mF
0.1
mF
200 pF
8.2 k
W
2.2
mF
−
+
30 k
W
20 k
W
DG
10 k
W
20 k
W
2.2
mF
3, 14
2.2
mF
Figure 3. Typical Test Circuit
INTRODUCTION
Much interest has been expressed in high performance
electronic gain control circuits. For non−critical applications,
an integrated circuit operational transconductance amplifier
can be used, but when high−performance is required, one has
to resort to complex discrete circuitry with many expensive,
well−matched
components.
This paper
describes an
inexpensive integrated circuit, the NE570 Compandor, which
offers a pair of high performance gain control circuits
featuring low distortion (<0.1 %), high signal−to−noise ratio
(90 dB), and wide dynamic range (110 dB).
CIRCUIT BACKGROUND
The NE570 Compandor was originally designed to satisfy
the requirements of the telephone system. When several
telephone channels are multiplexed onto a common line, the
resulting signal−to−noise ratio is poor and companding is
used to allow a wider dynamic range to be passed through the
channel. Figure 4 graphically shows what a compandor can
do for the signal−to−noise ratio of a restricted dynamic range
channel. The input level range of +20 dB to −80 dB is shown
undergoing a 2−to−1 compression where a 2.0 dB input level
change is compressed into a 1.0 dB output level change by the
compressor. The original 100 dB of dynamic range is thus
compressed to a 50 dB range for transmission through a
restricted dynamic range channel. A complementary
expansion on the receiving end restores the original signal
levels and reduces the channel noise by as much as 45 dB.
The significant circuits in a compressor or expander are
the rectifier and the gain control element. The phone system
requires a simple full−wave averaging rectifier with good
accuracy, since the rectifier accuracy determines the (input)
output level tracking accuracy. The gain cell determines the
distortion and noise characteristics, and the phone system
specifications here are very loose. These specs could have
been met with a simple operational transconductance
multiplier, or OTA, but the gain of an OTA is proportional
to temperature and this is very undesirable. Therefore, a
linearized transconductance multiplier was designed which
is insensitive to temperature and offers low noise and low
distortion performance. These features make the circuit
useful in audio and data systems as well as in
telecommunications systems.
INPUT
LEVEL
OUTPUT
LEVEL
NOISE
+20
0 dB
−40
−80
−20
0 dB
−40
−80
Figure 4. Restricted Dynamic Range Channel



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com