Electronic Components Datasheet Search
  English  ▼

X  

NGD8201N Datasheet(PDF) 1 Page - ON Semiconductor

Part # NGD8201N
Description  Ignition IGBT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGD8201N Datasheet(HTML) 1 Page - ON Semiconductor

  NGD8201N Datasheet HTML 1Page - ON Semiconductor NGD8201N Datasheet HTML 2Page - ON Semiconductor NGD8201N Datasheet HTML 3Page - ON Semiconductor NGD8201N Datasheet HTML 4Page - ON Semiconductor NGD8201N Datasheet HTML 5Page - ON Semiconductor NGD8201N Datasheet HTML 6Page - ON Semiconductor NGD8201N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 7
1
Publication Order Number:
NGD8201N/D
NGD8201N
Ignition IGBT
20 Amp, 400 Volt, N−Channel DPAK
This Logic Level Insulated Gate Bipolar Transistor (IGBT) features
monolithic circuitry integrating ESD and Overvoltage clamped
protection for use in inductive coil drivers applications. Primary uses
include Ignition, Direct Fuel Injection, or wherever high voltage and
high current switching is required.
Features
• Ideal for Coil−on−Plug and Driver−on−Coil Applications
• DPAK Package Offers Smaller Footprint for Increased Board Space
• Gate−Emitter ESD Protection
• Temperature Compensated Gate−Collector Voltage Clamp Limits
Stress Applied to Load
• Integrated ESD Diode Protection
• Low Threshold Voltage for Interfacing Power Loads to Logic or
Microprocessor Devices
• Low Saturation Voltage
• High Pulsed Current Capability
• Optional Gate Resistor (RG) and Gate−Emitter Resistor (RGE)
• Pb−Free Package is Available
Applications
• Ignition Systems
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCES
440
V
Collector−Gate Voltage
VCER
440
V
Gate−Emitter Voltage
VGE
"15
V
Collector Current−Continuous
@ TC = 25°C − Pulsed
IC
20
50
ADC
AAC
Continuous Gate Current
IG
1.0
mA
Transient Gate Current
(t ≤ 2 ms, f ≤ 100 Hz)
IG
20
mA
ESD (Charged−Device Model)
ESD
2.0
kV
ESD (Human Body Model)
R = 1500 W, C = 100 pF
ESD
8.0
kV
ESD (Machine Model) R = 0 W, C = 200 pF
ESD
500
V
Total Power Dissipation @ TC = 25°C
Derate above 25°C
PD
125
0.83
W
W/°C
Operating & Storage Temperature Range
TJ, Tstg −55 to +175
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
20 A, 400 V
VCE(on) = 1.3 V @
IC = 10 A, VGE . 4.5 V
C
E
G
RG
DPAK
CASE 369C
STYLE 7
Device
Package
Shipping†
ORDERING INFORMATION
NGD8201NT4
DPAK
2500 / Tape & Reel
MARKING DIAGRAM
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
Y
= Year
WW
= Work Week
NGD8201N = Device Code
G
= Pb−Free Package
YWW
NGD
8201NG
http://onsemi.com
RGE
NGD8201NT4G
DPAK
(Pb−Free)
2500 / Tape & Reel
1
G
E
CC


Similar Part No. - NGD8201N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGD8201N ONSEMI-NGD8201N Datasheet
110Kb / 7P
Ignition IGBT
August, 2006 ??Rev. 7
NGD8201NT4 ONSEMI-NGD8201NT4 Datasheet
110Kb / 7P
Ignition IGBT
August, 2006 ??Rev. 7
NGD8201NT4G ONSEMI-NGD8201NT4G Datasheet
125Kb / 8P
Ignition IGBT 20 A, 400 V, N.Channel DPAK
February, 2012 ??Rev. 10
NGD8201N ONSEMI-NGD8201N_12 Datasheet
125Kb / 8P
Ignition IGBT 20 A, 400 V, N.Channel DPAK
February, 2012 ??Rev. 10
More results

Similar Description - NGD8201N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGD8201N ONSEMI-NGD8201N Datasheet
110Kb / 7P
Ignition IGBT
August, 2006 ??Rev. 7
CS8312 ONSEMI-CS8312 Datasheet
59Kb / 8P
IGBT Ignition Predriver
March, 2001 ??Rev. 4
NGB8202N ONSEMI-NGB8202N_06 Datasheet
144Kb / 7P
Ignition IGBT
August, 2006 ??Rev. 5
NGB8206NTF4G ONSEMI-NGB8206NTF4G Datasheet
129Kb / 9P
Ignition IGBT
February, 2012 ??Rev. 9
logo
Rohm
RGPR30BM40 ROHM-RGPR30BM40 Datasheet
719Kb / 11P
400V 30A Ignition IGBT
RGPR30NS40 ROHM-RGPR30NS40 Datasheet
720Kb / 11P
400V 30A Ignition IGBT
RGPZ10BM40FH ROHM-RGPZ10BM40FH Datasheet
1Mb / 10P
430V 20A Ignition IGBT
RGPZ10BM40 ROHM-RGPZ10BM40 Datasheet
1Mb / 9P
430V 20A Ignition IGBT
logo
ON Semiconductor
ISL9V3040X3ST-F085C ONSEMI-ISL9V3040X3ST-F085C Datasheet
3Mb / 9P
EcoSPARK Ignition IGBT
August, 2019 ??Rev. 1
logo
Rohm
RGPR20NL43HR ROHM-RGPR20NL43HR Datasheet
921Kb / 10P
430V 20A Ignition IGBT
2019.07 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com