Electronic Components Datasheet Search
  English  ▼

X  

NGD8201N Datasheet(PDF) 3 Page - ON Semiconductor

Part # NGD8201N
Description  Ignition IGBT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGD8201N Datasheet(HTML) 3 Page - ON Semiconductor

  NGD8201N Datasheet HTML 1Page - ON Semiconductor NGD8201N Datasheet HTML 2Page - ON Semiconductor NGD8201N Datasheet HTML 3Page - ON Semiconductor NGD8201N Datasheet HTML 4Page - ON Semiconductor NGD8201N Datasheet HTML 5Page - ON Semiconductor NGD8201N Datasheet HTML 6Page - ON Semiconductor NGD8201N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NGD8201N
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Test Conditions
Temperature
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note 4)
Collector−to−Emitter On−Voltage
VCE(on)
IC = 6.5 A, VGE = 3.7 V
TJ = 25°C
0.95
1.15
1.35
V
TJ = 175°C
0.7
0.95
1.15
TJ = −40°C
1.0
1.3
1.40
IC = 9.0 A, VGE = 3.9 V
TJ = 25°C
0.95
1.25
1.45
TJ = 175°C
0.8
1.05
1.25
TJ = −40°C
1.1
1.4
1.5
IC = 7.5 A, VGE = 4.5 V
TJ = 25°C
0.85
1.15
1.4
TJ = 175°C
0.7
0.95
1.2
TJ = −40°C
1.0
1.3
1.6*
IC = 10 A, VGE = 4.5 V
TJ = 25°C
1.0
1.3
1.6
TJ = 175°C
0.8
1.05
1.4
TJ = −40°C
1.1
1.4
1.7*
IC = 15 A, VGE = 4.5 V
TJ = 25°C
1.15
1.45
1.7
TJ = 175°C
1.0
1.3
1.55
TJ = −40°C
1.25
1.55
1.8*
IC = 20 A, VGE = 4.5 V
TJ = 25°C
1.3
1.6
1.9
TJ = 175°C
1.2
1.5
1.8
TJ = −40°C
1.4
1.75
2.0*
Forward Transconductance
gfs
IC = 6.0 A, VCE = 5.0 V
TJ = 25°C
10
18
25
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
f = 10 kHz, VCE = 25 V
TJ = 25°C
1100
1300
1500
pF
Output Capacitance
COSS
70
80
90
Transfer Capacitance
CRSS
18
20
22
SWITCHING CHARACTERISTICS
Turn−Off Delay Time (Resistive)
td(off)
VCC = 300 V, IC = 9.0 A
RG = 1.0 kW, RL = 33 W,
VGE = 5.0 V
TJ = 25°C
6.0
8.0
10
mSec
TJ = 175°C
6.0
8.0
10
Fall Time (Resistive)
tf
TJ = 25°C
4.0
6.0
8.0
TJ = 175°C
8.0
10.5
14
Turn−Off Delay Time (Inductive)
td(off)
VCC = 300 V, IC = 9.0 A
RG = 1.0 kW,
L = 300 mH, VGE = 5.0 V
TJ = 25°C
3.0
5.0
7.0
TJ = 175°C
5.0
7.0
9.0
Fall Time (Inductive)
tf
TJ = 25°C
1.5
3.0
4.5
TJ = 175°C
5.0
7.0
10
Turn−On Delay Time
td(on)
VCC = 14 V, IC = 9.0 A
RG = 1.0 kW, RL = 1.5 W,
VGE = 5.0 V
TJ = 25°C
1.0
1.5
2.0
TJ = 175°C
1.0
1.5
2.0
Rise Time
tr
TJ = 25°C
4.0
6.0
8.0
TJ = 175°C
3.0
5.0
7.0
*Maximum Value of Characteristic across Temperature Range.
4. Pulse Test: Pulse Width v 300 mS, Duty Cycle v 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com