Electronic Components Datasheet Search
  English  ▼

X  

AT45DB011D Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT45DB011D
Description  1-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011D Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT45DB011D Datasheet HTML 30Page - ATMEL Corporation AT45DB011D Datasheet HTML 31Page - ATMEL Corporation AT45DB011D Datasheet HTML 32Page - ATMEL Corporation AT45DB011D Datasheet HTML 33Page - ATMEL Corporation AT45DB011D Datasheet HTML 34Page - ATMEL Corporation AT45DB011D Datasheet HTML 35Page - ATMEL Corporation AT45DB011D Datasheet HTML 36Page - ATMEL Corporation AT45DB011D Datasheet HTML 37Page - ATMEL Corporation AT45DB011D Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
34
3639B–DFLASH–02/07
AT45DB011D [Preliminary]
Table 18-4.
AC Characteristics – RapidS/Serial Interface
Symbol
Parameter
Min
Typ
Max
Units
f
SCK
SCK Frequency
66
MHz
fCAR1
SCK Frequency for Continuous Array Read
66
MHz
f
CAR2
SCK Frequency for Continuous Array Read (Low Frequency)
33
MHz
tWH
SCK High Time
6.8
ns
tWL
SCK Low Time
6.8
ns
t
SCKR
(1)
SCK Rise Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
tSCKF
(1)
SCK Fall Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
tCS
Minimum CS High Time
50
ns
t
CSS
CS Setup Time
5
ns
tCSH
CS Hold Time
5
ns
tSU
Data In Setup Time
2
ns
t
H
Data In Hold Time
3
ns
tHO
Output Hold Time
0
ns
tDIS
Output Disable Time
6ns
t
V
Output Valid
6ns
tWPE
WP Low to Protection Enabled
1
µs
tWPD
WP High to Protection Disabled
1
µs
t
EDPD
CS High to Deep Power-down Mode
3
µs
tRDPD
CS High to Standby Mode
30
µs
t
XFR
Page to Buffer Transfer Time
400
µs
t
comp
Page to Buffer Compare Time
400
µs
tEP
Page Erase and Programming Time (256/264 bytes)
14
35
ms
t
P
Page Programming Time (256/264 bytes)
2
4
ms
t
PE
Page Erase Time (256/264 bytes)
13
32
ms
tBE
Block Erase Time (2,048/2,112 bytes)
15
35
ms
t
SE
Sector Erase Time (32,768/33,792 bytes)
0.8
2.5
s
t
CE
Chip Erase Time
TBD
TBD
s
tRST
RESET Pulse Width
10
µs
t
REC
RESET Recovery Time
1µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com