Electronic Components Datasheet Search
  English  ▼

X  

AT45DB011D Datasheet(PDF) 50 Page - ATMEL Corporation

Part # AT45DB011D
Description  1-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011D Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button AT45DB011D Datasheet HTML 44Page - ATMEL Corporation AT45DB011D Datasheet HTML 45Page - ATMEL Corporation AT45DB011D Datasheet HTML 46Page - ATMEL Corporation AT45DB011D Datasheet HTML 47Page - ATMEL Corporation AT45DB011D Datasheet HTML 48Page - ATMEL Corporation AT45DB011D Datasheet HTML 49Page - ATMEL Corporation AT45DB011D Datasheet HTML 50Page - ATMEL Corporation AT45DB011D Datasheet HTML 51Page - ATMEL Corporation AT45DB011D Datasheet HTML 52Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
50
3639B–DFLASH–02/07
AT45DB011D [Preliminary]
27.3
8S2 – EIAJ SOIC
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
8S2, 8-lead, 0.209" Body, Plastic Small
Outline Package (EIAJ)
4/7/06
8S2
D
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
Notes: 1. This drawing is for general information only; refer to EIAJ Drawing EDR-7320 for additional information.
2. Mismatch of the upper and lower dies and resin burrs are not included.
3. It is recommended that upper and lower cavities be equal. If they are different, the larger dimension shall be regarded.
4. Determines the true geometric position.
5. Values b,C apply to plated terminal. The standard thickness of the plating layer shall measure between 0.007 to .021 mm.
A
1.70
2.16
A1
0.05
0.25
b
0.35
0.48
5
C
0.15
0.35
5
D
5.13
5.35
E1
5.18
5.40
2, 3
E
7.70
8.26
L
0.51
0.85
θ
0°
8°
e
1.27 BSC
4
θθ
1
1
N
N
E
E
TOP VIEW
TOP VIEW
C
C
E1
E1
END VIEW
END VIEW
A
A
b
b
L
L
A1
A1
e
e
D
D
SIDE VIEW
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com