Electronic Components Datasheet Search
  English  ▼

X  

NLAS325 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLAS325
Description  Dual SPST Analog Switch, Low Voltage, Single Supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS325 Datasheet(HTML) 1 Page - ON Semiconductor

  NLAS325 Datasheet HTML 1Page - ON Semiconductor NLAS325 Datasheet HTML 2Page - ON Semiconductor NLAS325 Datasheet HTML 3Page - ON Semiconductor NLAS325 Datasheet HTML 4Page - ON Semiconductor NLAS325 Datasheet HTML 5Page - ON Semiconductor NLAS325 Datasheet HTML 6Page - ON Semiconductor NLAS325 Datasheet HTML 7Page - ON Semiconductor NLAS325 Datasheet HTML 8Page - ON Semiconductor NLAS325 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
April, 2006 − Rev. 6
1
Publication Order Number:
NLAS325/D
NLAS325
Dual SPST Analog Switch,
Low Voltage, Single Supply
The NLAS325 is a dual SPST (Single Pole, Single Throw) switch,
similar to 1/2 a standard 4066. The device permits the independent
selection of 2 analog/digital signals. Available in the Ultra−Small 8
package.
The use of advanced 0.6
m CMOS process, improves the RON
resistance considerably compared to older higher voltage
technologies.
Features
• On Resistance is 20 W Typical at 5.0 V
• Matching is < 1.0 W Between Sections
• 2.0−6.0 V Operating Range
• Ultra Low < 5.0 pC Charge Injection
• Ultra Low Leakage < 1.0 nA at 5.0 V, 25°C
• Wide Bandwidth > 200 MHz, −3.0 dB
• 2000 V ESD (HBM)
• RON Flatness "6.0 W at 5.0 V
• US8 Package
• Independent Enables; One Positive, One Negative
• Pb−Free Package is Available
VCC
NO1
COM1
GND
IN2
NC2
1
2
3
8
7
6
COM2
IN1
45
Figure 1. Pinout
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
PIN ASSIGNMENT
1
2
3
IN2
NO1
GND
4
5
COM1
IN1
6
FUNCTION TABLE
L
H
On/Off
Enable Input
Analog
Switch 1
Off
On
7
8
VCC
COM2
NC2
US8
US SUFFIX
CASE 493
8
1
A9
= Device Code
M
= Date Code*
G
= Pb−Free Package
Analog
Switch 2
On
Off
http://onsemi.com
1
8
A9 M
G
G
(Note: Microdot may be in either location)
*Date Code orientation may vary depending upon
manufacturing location.


Similar Part No. - NLAS325

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS325 ONSEMI-NLAS325 Datasheet
123Kb / 12P
Dual SPST Analog Switch Low Voltage Single Supply
January, 2002 ??Rev. 2
NLAS325 ONSEMI-NLAS325 Datasheet
97Kb / 10P
Dual SPST Analog Switch Low Voltage, Single Supply
July, 2015 ??Rev. 7
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
Mux / Demux Analog Switch
December, 2015 ??Rev. 1
NLAS3257A ONSEMI-NLAS3257A Datasheet
190Kb / 8P
Mux / Demux Analog Switch
December, 2018- Rev. 1
NLAS3257A/D ONSEMI-NLAS3257A/D Datasheet
190Kb / 8P
Mux / Demux Analog Switch
December, 2018- Rev. 1
More results

Similar Description - NLAS325

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS323 ONSEMI-NLAS323 Datasheet
85Kb / 10P
Dual SPST Analog Switch, Low Voltage, Single Supply
February, 2004 ??Rev. 6
NLAS324 ONSEMI-NLAS324 Datasheet
111Kb / 12P
Dual SPST Analog Switch, Low Voltage, Single Supply
January, 2003 - Rev. 3
NLAS325 ONSEMI-NLAS325 Datasheet
123Kb / 12P
Dual SPST Analog Switch Low Voltage Single Supply
January, 2002 ??Rev. 2
logo
Texas Instruments
TS3A4741 TI-TS3A4741 Datasheet
291Kb / 14P
0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
logo
ON Semiconductor
NLAS324 ONSEMI-NLAS324_06 Datasheet
118Kb / 10P
Dual SPST Analog Switch, Low Voltage, Single Supply
April, 2006 ??Rev. 7
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
ON Semiconductor
NLAS323 ONSEMI-NLAS323_15 Datasheet
96Kb / 9P
Dual SPST Analog Switch, Low Voltage, Single Supply
July, 2015 ??Rev. 7
NLAS324 ONSEMI-NLAS324_15 Datasheet
95Kb / 8P
Dual SPST Analog Switch Low Voltage, Single Supply
July, 2015 ??Rev. 8
NLAS325 ONSEMI-NLAS325_15 Datasheet
97Kb / 10P
Dual SPST Analog Switch Low Voltage, Single Supply
July, 2015 ??Rev. 7
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com