Electronic Components Datasheet Search
  English  ▼

X  

NLAS325 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLAS325
Description  Dual SPST Analog Switch, Low Voltage, Single Supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS325 Datasheet(HTML) 4 Page - ON Semiconductor

  NLAS325 Datasheet HTML 1Page - ON Semiconductor NLAS325 Datasheet HTML 2Page - ON Semiconductor NLAS325 Datasheet HTML 3Page - ON Semiconductor NLAS325 Datasheet HTML 4Page - ON Semiconductor NLAS325 Datasheet HTML 5Page - ON Semiconductor NLAS325 Datasheet HTML 6Page - ON Semiconductor NLAS325 Datasheet HTML 7Page - ON Semiconductor NLAS325 Datasheet HTML 8Page - ON Semiconductor NLAS325 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NLAS325
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Guaranteed Maximum Limit
VCC
VIS
*555C to 255C
t855C
t1255C
Symbol
Parameter
Test Conditions
(V)
(V)
Min
Typ*
Max
Min
Max
Min
Max
Unit
tON
Turn−On Time
(Figures 11 and 12)
RL = 300 W, CL = 35 pF
(Figures 4 and 5)
2.5
3.0
4.5
5.5
2.0
2.0
3.0
3.0
5.0
5.0
2.0
2.0
23
16
11
9.0
35
24
16
14
5.0
5.0
2.0
2.0
38
27
19
17
5.0
5.0
2.0
2.0
41
30
22
20
ns
tOFF
Turn−Off Time
(Figures 11 and 12)
RL = 300 W, CL = 35 pF
(Figures 4 and 5)
2.5
3.0
4.5
5.5
2.0
2.0
3.0
3.0
1.0
1.0
1.0
1.0
7.0
5.0
4.0
3.0
12
10
6.0
5.0
1.0
1.0
1.0
1.0
15
13
9.0
8.0
1.0
1.0
1.0
1.0
18
16
12
11
ns
tBBM
Minimum Break−Before−Make
Time
VIS = 3.0 V (Figure 3)
RL = 300 W, CL = 35 pF
2.5
3.0
4.5
5.5
2.0
2.0
3.0
3.0
1.0
1.0
1.0
1.0
12
11
6.0
5.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
ns
*Typical Characteristics are at 25
°C.
Typical @ 25, VCC = 5.0 V
CIN
CNO or CNC
CCOM
C(ON)
Maximum Input Capacitance, Select Input
Analog I/O (switch off)
Common I/O (switch off)
Feedthrough (switch on)
8.0
10
10
20
pF
ADDITIONAL APPLICATION CHARACTERISTICS (Voltages Referenced to GND Unless Noted)
VCC
Typical
Symbol
Parameter
Condition
(V)
25
°C
Unit
BW
Maximum On−Channel −3.0 dB
Bandwidth or Minimum Frequency
Response (Figure 10)
VIN = 0 dBm
VIN centered between VCC and GND
(Figure 6)
3.0
4.5
5.5
145
170
175
MHz
VONL
Maximum Feedthrough On Loss
VIN = 0 dBm @ 100 kHz to 50 MHz
VIN centered between VCC and GND
(Figure 6)
3.0
4.5
5.5
*2.0
*2.0
*2.0
dB
VISO
Off−Channel Isolation (Figure 9)
f = 100 kHz; VIS = 1.0 V RMS
VIN centered between VCC and GND
(Figure 6)
3.0
4.5
5.5
*93
*93
*93
dB
Q
Charge Injection Select Input to
Common I/O (Figure 14)
VIN = VCC to GND, FIS = 20 kHz
tr = tf = 3.0 ns
RIS = 0 W, CL = 1000 pF
Q = CL * DVOUT
(Figure 7)
3.0
5.5
1.5
3.0
pC
THD
Total Harmonic Distortion THD +
Noise (Figure 13)
FIS = 20 Hz to 100 kHz, RL = Rgen = 600 W, CL = 50 pF
VIS = 5.0 VPP sine wave
5.5
0.1
%
VCT
Channel−to−Channel Crosstalk
f = 100 kHz; VIS = 1.0 V RMS
VIN centered between VCC and GND
(Figure 6)
5.5
3.0
*90
*90
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com