Electronic Components Datasheet Search
  English  ▼

X  

ST7538QTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST7538QTR
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538QTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST7538QTR Datasheet HTML 15Page - STMicroelectronics ST7538QTR Datasheet HTML 16Page - STMicroelectronics ST7538QTR Datasheet HTML 17Page - STMicroelectronics ST7538QTR Datasheet HTML 18Page - STMicroelectronics ST7538QTR Datasheet HTML 19Page - STMicroelectronics ST7538QTR Datasheet HTML 20Page - STMicroelectronics ST7538QTR Datasheet HTML 21Page - STMicroelectronics ST7538QTR Datasheet HTML 22Page - STMicroelectronics ST7538QTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
ST7538Q
Functional description
19/44
The UART interface allows to connect an UART compatible device instead SPI interface
allows to connect an SPI compatible device. The allowed combinations of Host
Interface/ST7538Q Mains Access are:
Figure 3.
Synchronous and asynchronous ST7538Q/Host controller interfaces
ST7538Q allows to interface the Host Controller using a five line interface (RxD,TxD,RxTx,
CLR/T, & REG_DATA) in case of Synchronous mains access or using a 3 line interface
(RxD,TxD & RxTx) in Asynchronous mains access. Since Control Register is not accessible
in Asynchronous mode, in this case REG_DATA pin can be tied to GND.
Table 9. Host Interface / ST7538Q mains access combinations
Host Device
interface type
UART/SPI pin
Communication
mode
Mains access
Asynchronous
Synchronous
UART
“1”
Transmission
X
UART
“1”
Reception
X
X(1)
1.
Received Data more stable than in Asynchronous Mains Access
SPI
“0”
Transmission
X
SPI
“0”
Reception
X
RxD
CLR/T
REG_DATA
RxTx
ST7538Q
Host Controller
TxD
UART/Asynchronous
Data Interface
RxD
CLR/T
REG_DATA
RxTx
ST7538Q
Host Controller
TxD
SPI/Synchronous
Data Interface
D03IN1415



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com