Electronic Components Datasheet Search
  English  ▼

X  

ST7538QTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST7538QTR
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538QTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST7538QTR Datasheet HTML 21Page - STMicroelectronics ST7538QTR Datasheet HTML 22Page - STMicroelectronics ST7538QTR Datasheet HTML 23Page - STMicroelectronics ST7538QTR Datasheet HTML 24Page - STMicroelectronics ST7538QTR Datasheet HTML 25Page - STMicroelectronics ST7538QTR Datasheet HTML 26Page - STMicroelectronics ST7538QTR Datasheet HTML 27Page - STMicroelectronics ST7538QTR Datasheet HTML 28Page - STMicroelectronics ST7538QTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
ST7538Q
Functional description
25/44
Figure 11. CD_PD timing during RX
Figure 12. Receiving path block diagram
TDCD
TCD
CD_PD
RAI
D03IN1418
TDCD
TCD
RxD (UART/SPI="1")
demodulation active on RxD pin
RxD (UART/SPI="0")
noise demodulated
noise demodulated
Low Pass
Band Pass
PRE-FILTER
IF FILTER
FSK
DEMODULATOR
DIGITAL
FILTER
MIXER
CARRIER/
PREAMBLE
DETECTION
AGC
GAIN
CONTROL
LOCAL
OSC
32
Bit 23
Bits 0 -2
Bits 3-4 &14
Bits 0-2
RAI
Bits 9-10
Bits 12-13 & 22
Carrier Detection
3
RxD
8
CLR/T
1
CD_PD
9
BU
PLL
Bits 3-4
Low Pass
BAND
IN
USE
Bits 3-4 & 22
Band Pass
CHANNEL
FILTER
Band Pass
D03IN1419
HEADER
RECOGN.
Bits 18-21 & 24-47
RXFO
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com