Electronic Components Datasheet Search
  English  ▼

X  

ATA6830 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATA6830
Description  INTELLIGENT STEPPER MOTOR DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6830 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATA6830 Datasheet HTML 11Page - ATMEL Corporation ATA6830 Datasheet HTML 12Page - ATMEL Corporation ATA6830 Datasheet HTML 13Page - ATMEL Corporation ATA6830 Datasheet HTML 14Page - ATMEL Corporation ATA6830 Datasheet HTML 15Page - ATMEL Corporation ATA6830 Datasheet HTML 16Page - ATMEL Corporation ATA6830 Datasheet HTML 17Page - ATMEL Corporation ATA6830 Datasheet HTML 18Page - ATMEL Corporation ATA6830 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
4575D–BCD–09/05
ATA6830
3.11
Exception Handling
During operation, different exceptional states or errors can arise to which the circuit must corre-
spondingly react. These are described below:
• Supply voltage below 9V
Travel operation is suspended for the duration of the undervoltage. The output current will
be set to zero. When the supply voltage rises above 10.5V, travel operation restarts.
• Supply voltage above 20V
Travel operation is suspended for the duration of the undervoltage. The output current will
be set to zero. When the supply voltage falls below 20V, travel operation restarts.
• Overtemperature warning
The maximum stepping speed is reduced to 300 Hz. This ensures a safe shut-off procedure
if the temperature increases to shut-off temperature.
• Overtemperature shut-off
Travel operation is suspended when overtemperature is detected. An error signal is sent to
the bus master via the bus. Operation can only restart after the supply voltage is shut off.
• Interruption of a stepping motor winding
The motor windings are only checked for interruption when supplied with hold current, not
during drive operation. The corresponding output is shut off. The other coil winding is sup-
plied with hold current. An error signal is sent. Operation can only restart after the supply
voltage is shut off.
• Short circuit of a stepping motor winding
The corresponding output is shut off. The other coil winding is supplied with hold current. An
error signal is sent. Operation can only restart after the supply voltage is shut off.
• Short circuit of an output to ground or V
BAT
The corresponding output is shut off. The other coil winding is supplied with hold current. An
error signal is sent. Operation can only restart after the supply voltage is shut off.
An error signal is sent to the microcontroller by clamping the bus to ground for 3 seconds. If
the error should occur during a data transmission, the above described reactions will hap-
pen immediately except for the clamping. This will take place about 200 µs after the end of
the stopbit of the low byte to guarantee a correct command recognintion in the second head-
lamp. The error signal timing is shown in Figure 3-13.
Figure 3-13. Error Signal Timing
ERROR RESPONSE
MESSAGE FRAME
3 s
ca. 9.2 ms
Buslevel
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com