Electronic Components Datasheet Search
  English  ▼

X  

ATA6830 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATA6830
Description  INTELLIGENT STEPPER MOTOR DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6830 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATA6830 Datasheet HTML 12Page - ATMEL Corporation ATA6830 Datasheet HTML 13Page - ATMEL Corporation ATA6830 Datasheet HTML 14Page - ATMEL Corporation ATA6830 Datasheet HTML 15Page - ATMEL Corporation ATA6830 Datasheet HTML 16Page - ATMEL Corporation ATA6830 Datasheet HTML 17Page - ATMEL Corporation ATA6830 Datasheet HTML 18Page - ATMEL Corporation ATA6830 Datasheet HTML 19Page - ATMEL Corporation ATA6830 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
4575D–BCD–09/05
ATA6830
4.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Value
Unit
Power supply (t < 400 ms)
V
BAT
–0.3 to +45
V
DC power supply
V
BAT
–0.3 to +28
V
DC output current
I
OUT
±1.1
A
BUS input voltage
V
BUS
–0.3 to V
BAT +0.3
V
Human body model
ESD
2
kV
Charged device model
ESD
500
V
Storage temperature
T
Stg
–55 to +150
°C
Operating temperature
T
op
–40 to +105
°C
Maximum junction temperature
T
jmax
+150
°C
5.
Thermal Resistance
Parameters
Symbol
Value
Unit
Thermal resistance junction-case
RthJC
5K/W
Thermal resistance junction-ambient
RthJA
35
K/W
6.
Operating Range
Parameters
Symbol
Value
Unit
Power supply range
VBAT
7 to 20
V
Operating temperature range
Top
–40 to +105
°C
7.
Electrical Characteristics
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1
Supply
1.1
Supply current
VBAT = 14V
(no motor current)
1, 7, 15,
21
I_total
4
7
mA
A
1.2
Supply voltage
Normal operation
1, 7, 15,
21
VBATsup
7.0
20
V
C
1.3
VDD voltage
23
VVDD_13V
4.9
5.0
5.1
V
A
1.4
VDD voltage
VBAT = 7.0V
23
VVDD_7V
4.8
5.0
5.1
V
A
2Bus Port
2.1
Threshold voltage
VBAT = 12.0V, rising
edge
22
V
LH_BUS_12
5.5
6.5
7.5
V
A
2.2
Threshold voltage
VBAT = 12V, falling edge
22
VHL_BUS_12
4.5
5.5
6.5
V
A
2.3
Hysteresis
22
V
HYS_BUS12
1V
A
2.4
Input current
V
BUS = 0V
22
I
OUT_BUS_8
–400
–300
–220
µA
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. cmd = command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com